Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG408DJ-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG408DJ-E3
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408DJ-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG408DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 9Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 10Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Document Number: 70062
www.vishay.com
S11-0933-Rev. J, 16-May-11
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408, DG409
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. VD and Temperature
Off Isolation and Crosstalk vs. Frequency
Switching Time vs. Bipolar Supply
RDS(on) vs. VD and Temperature (Single Supply)
Insertion Loss vs. Frequency
Switching Time vs. Single Supply
VD - Drain Voltage (V)
0
15
- 15
0
40
60
80
50
10
70
30
20
V+ = 15 V
V- = - 15 V
125 °C
85 °C
25 °C
- 55 °C
- 10
- 5
5
10
- 40 °C
0 °C
f - Frequency (Hz)
10K
10M
- 30
- 70
- 90
- 50
100
1K
100K
1M
- 110
100M
- 130
- 150
V+ = 15 V
V- = - 15 V
RL = 1 kΩ
Off-Isolation
Crosstalk
VSUPPLY (V)
± 10
± 12
± 14
± 16
± 18
± 20
± 22
60
80
100
120
140
tOFF(EN)
tON(EN)
tTRANS
VD - Drain Voltage (V)
4
0
10
30
50
70
90
110
130
V+ = 12 V
V- = 0 V
- 55 °C
- 40 °C
0 °C
125 °C
85 °C
25 °C
26
8
10
12
f - Frequency (Hz)
10M
- 5
- 2
1
- 1
0
- 4
- 3
- 6
V+ = 15 V
V- = - 15 V
Ref. 1 VRMS
RL = 50 Ω
RL = 1 kΩ
10
100
1K
10K
100K
1M
100M
VSUPPLY (V)
15
8
100
150
225
175
200
250
125
912
14
13
11
10
275
tTRANS
tOFF(EN)
tON(EN)


Similar Part No. - DG408DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408DJ-E3 VISHAY-DG408DJ-E3 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
More results

Similar Description - DG408DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com