Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1566PSTF Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI1566PSTF
Description  5V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI1566PSTF Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI1566PSTF Datasheet HTML 2Page - Holt Integrated Circuits HI1566PSTF Datasheet HTML 3Page - Holt Integrated Circuits HI1566PSTF Datasheet HTML 4Page - Holt Integrated Circuits HI1566PSTF Datasheet HTML 5Page - Holt Integrated Circuits HI1566PSTF Datasheet HTML 6Page - Holt Integrated Circuits HI1566PSTF Datasheet HTML 7Page - Holt Integrated Circuits HI1566PSTF Datasheet HTML 8Page - Holt Integrated Circuits HI1566PSTF Datasheet HTML 9Page - Holt Integrated Circuits HI1566PSTF Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TA=25°C
TA=85°C TA=125°C
HI-1565CDI / T / M
HI-1566CDI / T / M
HI-1565PCI / T
HI-1566PCI / T
Data taken at VDD=5.0V, continuous transmission at 1Mbit/s, single transmitter enabled.
62°C
122°C
PACKAGE STYLE
CONDITION
ØJA
54°C/W
JUNCTION TEMPERATURE
162°C
HI-1565PSI / T / M
HI-1566PSI / T / M
Heat sink
unsoldered
Heat sink
soldered
157°C
117°C
57°C
PART NUMBER
129°C
169°C
47°C/W
44-pin Plastic chip-
scale package
Heat sink
unsoldered
49°C/W
59°C
119°C
159°C
20-pin Thermally
enhanced plastic
SOIC (ESOIC)
20-pin Ceramic
side-brazed DIP
Socketed
62°C/W
69°C
HI-1565, HI-1566
THERMAL CHARACTERISTICS
TXA/B
TXA/B
TXINHA/B
TRANSMITTER
BUSA/B
BUSA/B
52.5
(.75 Zo)
W
52.5
(.75 Zo)
W
1.79:1
1:1.79
1:1.4
1.4:1
35
(.5 Zo)
W
Figure 3. Transformer Coupled Test Circuits
Coupling
Transformer
Coupling
Transformer
Isolation
Transformer
Isolation
Transformer
RECEIVER
52.5
(.75 Zo)
W
52.5
(.75 Zo)
W
35
(.5 Zo)
W
RXA/B
RXA/B
RXENA/B
Point
“A ”
T
Point
“A ”
T
Both the HI-1565PSI/T/M and HI-1566PSI/T/M use a
20-pin thermally enhanced SOIC package. The
HI-1565PCI/T and HI-1566PCI/T use a plastic chip-scale
package. These packages include a metal heat sink
located on the bottom surface of the device. This heat
sink should be soldered down to the printed circuit board
for optimum thermal dissipation.
The heat sink is
electrically isolated and may be soldered to any
convenient power or ground plane..
HEAT SINK - ESOIC & CHIP-SCALE PACKAGE
HOLT INTEGRATED CIRCUITS
6
APPLICATIONS NOTE
Holt Applications Note AN-500 provides circuit design
notes regarding the use of Holt's family of MIL-STD-1553
transceivers. Layout considerations, as well as
recommended interface and protection components are
included.


Similar Part No. - HI1566PSTF

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI1538 HSMC-HI1538 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HI1566PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com