Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1566PCIF Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI1566PCIF
Description  5V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI1566PCIF Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI1566PCIF Datasheet HTML 2Page - Holt Integrated Circuits HI1566PCIF Datasheet HTML 3Page - Holt Integrated Circuits HI1566PCIF Datasheet HTML 4Page - Holt Integrated Circuits HI1566PCIF Datasheet HTML 5Page - Holt Integrated Circuits HI1566PCIF Datasheet HTML 6Page - Holt Integrated Circuits HI1566PCIF Datasheet HTML 7Page - Holt Integrated Circuits HI1566PCIF Datasheet HTML 8Page - Holt Integrated Circuits HI1566PCIF Datasheet HTML 9Page - Holt Integrated Circuits HI1566PCIF Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKAGE DIMENSIONS
44-PIN PLASTIC CHIP-SCALE PACKAGE
inches (millimeters)
Package Type: 44PCS
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.203 ± .006
(5.15 ± .15)
.016 ± .002
(0.40 ± .05)
.010
(0.25)
.020
(0.50)
.008
(0.2)
.039
(1.00)
.276
(7.00)
BSC
.203 ± .006
(5.15 ± .15)
typ
typ
Bottom
View
Top View
BSC
.276
(7.00)
BSC
max
Electrically isolated heat sink
pad on bottom of package.
Connect to any ground or
power plane for optimum
thermal dissipation.
HOLT INTEGRATED CIRCUITS
10


Similar Part No. - HI1566PCIF

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI1538 HSMC-HI1538 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HI1566PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com