Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401BDY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG401BDY
Description  Low-Power, High-Speed CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401BDY Datasheet(HTML) 3 Page - Vishay Siliconix

  DG401BDY Datasheet HTML 1Page - Vishay Siliconix DG401BDY Datasheet HTML 2Page - Vishay Siliconix DG401BDY Datasheet HTML 3Page - Vishay Siliconix DG401BDY Datasheet HTML 4Page - Vishay Siliconix DG401BDY Datasheet HTML 5Page - Vishay Siliconix DG401BDY Datasheet HTML 6Page - Vishay Siliconix DG401BDY Datasheet HTML 7Page - Vishay Siliconix DG401BDY Datasheet HTML 8Page - Vishay Siliconix DG401BDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 73069
S11-0179-Rev. B, 07-Feb-11
www.vishay.com
3
Vishay Siliconix
DG401B, DG403B, DG405B
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 6 mW/°C above 75 °C.
d. Derate 7.6 mW/°C above 75 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Limit
Unit
V+ to V-
44
V
GND to V-
25
Digital Inputsa, VS, VD
(V-) - 0.3 V to (V+) + 0.3 V or
30 mA, whichever occurs first
Current (Any Terminal) Continuous
30
mA
Current, S or D (Pulsed 1 ms 10 % duty)
100
Storage Temperature
(DJ, DY Suffix)
- 65 to 125
°C
Power Dissipation (Package)b
16-Pin Plastic DIPc
450
mW
16-Pin SOICd
600
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V- = - 15 V
VIN = 2.4 V, 0.8 V
f
Temp.b
Limits
- 40 °C to 85 °C
Unit
Min.d
Typ.c
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
-15
15
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = ± 10 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
23
45
55
 Drain-Source
On-Resistance
R
DS(on)
IS = - 10 mA, VD = ± 5 V, 0 V
V+ = 16.5 V, V- = - 16.5 V
Room
Full
0.72
3
5
Switch Off Leakage Current
IS(off)
V+ = 16.5, V- = - 16.5 V
VD = ± 15.5 V, VS = ± 15.5 V
Room
Hot
- 0.5
- 5
- 0.01
0.5
5
nA
ID(off)
Room
Hot
- 0.5
- 5
- 0.01
0.5
5
Channel On Leakage Current
ID(on)
V+ = 16.5 V, V- = - 16.5 V
VS = VD = ± 15.5 V
Room
Hot
- 1
- 10
- 0.04
1
10
Digital Control
Input Current VIN Low
IIL
VIN under test = 0.8 V, all other = 2.4 V
Full
- 1
0.005
1
µA
Input Current VIN High
IIH
VIN under test = 2.4 V, all other = 0.8 V
Full
- 1
0.005
1
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
see figure 2
Room
100
150
ns
Turn-Off Time
tOFF
Room
60
100
Break-Before-Make Time Delay
(DG403B)
tD
RL = 300 , CL = 35 pF
Room
5
12
Charge Injection
Q
CL = 10 000 pF, Vgen = 0 V, Rgen = 0 
Room
60
pC
Off Isolation Reject Ratio
OIRR
RL = 100 , CL = 5 pF, f =1 MHz
Room
- 81.7
dB
Channel-to-Channel Crosstalk
XTALK
Room
- 94.8
Source Off Capacitance
CS(off)
f = 1 MHz, VS = 0 V
Room
12
pF
Drain Off Capacitance
CD(off)
Room
12
Channel On Capacitance
CD, CS(on)
Room
39


Similar Part No. - DG401BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401BDY VISHAY-DG401BDY Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401BDY-E3 VISHAY-DG401BDY-E3 Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401BDY-T1 VISHAY-DG401BDY-T1 Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401BDY-T1-E3 VISHAY-DG401BDY-T1-E3 Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
More results

Similar Description - DG401BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com