Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG403B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG403B
Description  Low-Power, High-Speed CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG403B Datasheet(HTML) 1 Page - Vishay Siliconix

  DG403B Datasheet HTML 1Page - Vishay Siliconix DG403B Datasheet HTML 2Page - Vishay Siliconix DG403B Datasheet HTML 3Page - Vishay Siliconix DG403B Datasheet HTML 4Page - Vishay Siliconix DG403B Datasheet HTML 5Page - Vishay Siliconix DG403B Datasheet HTML 6Page - Vishay Siliconix DG403B Datasheet HTML 7Page - Vishay Siliconix DG403B Datasheet HTML 8Page - Vishay Siliconix DG403B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
DG401B, DG403B, DG405B
Document Number: 73069
S11-0179-Rev. B, 07-Feb-11
www.vishay.com
1
Low-Power, High-Speed CMOS Analog Switches
FEATURES
44 V supply max rating
± 15 V analog signal range
On-resistance - RDS(on): 23 
Low leakage - ID(on): 40 pA
Fast switching - tON: 100 ns
Upgrade to DG401B, DG403B, DG405B
TTL, CMOS compatible
Single supply capability
BENEFITS
Wide dynamic range
Break-before-make switching action
(DG403B only)
Simple interfacing
APPLICATIONS
Audio and video switching
Sample-and-hold circuits
Test equipment
PBX, PABX
DESCRIPTION
The DG401B, DG403B, DG405B monolithic analog switches
are replacements for the popular DG401/403/405 analog
switches and provide improved performance, combining
high speed (tON: 100 ns, typ) with low power consumption
make the DG401B series ideal for portable and battery
powered applications.
Built on the Vishay Siliconix proprietary high-voltage silicon-
gate process to achieve high voltage rating and superior
switch
on/off
performance,
break-before-make
is
guaranteed for the SPDT configurations.
Each switch conducts equally well in both directions when
on, and blocks up to 30 V peak-to-peak when off.
On-resistance is very flat over the full ± 15 V analog range.
The DG401B has two independent SPST switches. The
DG403B has four SPST switches in NO/NC combinations.
The DG405B has four switches in two SPST pairs (see
Functional Block Diagrams and Pin Configurations on pages
1 and 2.)
The DG401B, DG403B, DG405B is available in both 16-pin
plastic dip and 16-pin SOIC packages.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For analog
switching products manufactured with 100 % matte tin
device terminations, the lead (Pb)-free “-E3” suffix is being
used as a designator.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Two SPST Switches per Package
Logic “0”
0.8 V
Logic “1”
2.4 V
DG401B
NC
GND
NC
NC
NC
V+
NC
IN2
D2
S2
D1
S1
NC
Dual-In-Line and SOIC
IN1
NC
V-
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
TRUTH TABLE
Logic
Switch
0
OFF
1ON


Similar Part No. - DG403B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG403B VISHAY-DG403B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG403B VISHAY-DG403B Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG403BDJ VISHAY-DG403BDJ Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG403BDJ-E3 VISHAY-DG403BDJ-E3 Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG403BDY VISHAY-DG403BDY Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
More results

Similar Description - DG403B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com