Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11683H Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11683H
Description  Three-Phase Sensorless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11683H Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11683H Datasheet HTML 1Page - Sanyo Semicon Device LB11683H Datasheet HTML 2Page - Sanyo Semicon Device LB11683H Datasheet HTML 3Page - Sanyo Semicon Device LB11683H Datasheet HTML 4Page - Sanyo Semicon Device LB11683H Datasheet HTML 5Page - Sanyo Semicon Device LB11683H Datasheet HTML 6Page - Sanyo Semicon Device LB11683H Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB11683H
No. A0954-2/7
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC
All operating circuits other than internal 5V Reg.
5.5 to 7.0
V
Supply voltage 2
VCC
All operating circuits.
7.0 to 13.8
V
Electrical Characteristics at Ta = 25
°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC
VC=VCC VFC=0V
10
15
mA
Output saturation voltage 1
VOSAT1
IO=0.4A, Source+Sink
1.4
2.0
V
Output saturation voltage 2
VOSAT2
IO=0.8A, Source+Sink, RF=0Ω
1.8
2.6
V
MCOM pin common-phase input
voltage range
VIC
0
VCC-2
V
PCOUT output current 1
IPCOU
Source side
-90
µA
PCOUT output current 2
IPCOD
Sink side
90
µA
VCOIN input current
IVCOIN
VCOIN=5V
0.1
0.2
µA
VCO minimum frequency
fVCOMIN
VCOIN=open
CX=0.022
µF
330
400
500
Hz
VCO maximum frequency
fVCOMAX
VCOIN=5V
CX=0.022
µF
14.8
18.5
22.3
kHz
C1, C2 source current ratio
RSOURCE
1-(IC1SOURCE/IC2SOURCE)
-12
+12
%
C1, C2 sink current ratio
RSINK
1-(IC1SINK/IC2SINK)
-12
+12
%
C1 source, sink current ratio
RC1
IC1SOURCE/IC1SINK
50
%
C2 source, sink current ratio
RC2
IC2SOURCE/IC2SINK
50
%
Counter-electromotive FG output
ON voltage
VOL
IFGO=1mA
0.4
V
CT pin charge current
ICT1
Source current
1.2
1.6
µA
CT pin discharge current
ICT2
Sink current
50
77
nA
Lock protection detection voltage
VRD1
2.3
2.45
2.6
V
Lock protection reset voltage
VRD2
1.13
1.26
1.39
V
RD pin leak current
IRDLEAK
10
µA
RD pin output LO voltage
VRDL
IO=1mA
100
400
mV
Current limiter setting voltage
0.45
0.5
0.55
V
Thermal shutdown operating
temperature
TTSD
Design target *
150
180
210
°C
Thermal shutdown hysteresis
∆TTSD
Design target *
15
°C
*: Design target value and no measurement is made.


Similar Part No. - LB11683H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11683H ONSEMI-LB11683H Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H ONSEMI-LB11683H Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
More results

Similar Description - LB11683H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
   Three-Phase Bipolar Brushless/Sensorless Motor Driver
LB1989 SANYO-LB1989 Datasheet
117Kb / 9P
   Three-Phase Sensorless VCR Drum Motor Driver
logo
Diodes Incorporated
AM9800 DIODES-AM9800 Datasheet
563Kb / 11P
   Three Phase Direct PWM Sensorless Motor Driver
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com