Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZA06S04015075HEA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CZA06S04015075HEA
Description  Thick Film Chip Resistor Attenuator, Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CZA06S04015075HEA Datasheet(HTML) 1 Page - Vishay Siliconix

  CZA06S04015075HEA Datasheet HTML 1Page - Vishay Siliconix CZA06S04015075HEA Datasheet HTML 2Page - Vishay Siliconix CZA06S04015075HEA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31061
254
Revision: 27-Apr-10
CZA
Vishay Dale
Thick Film Chip Resistor Attenuator, Surface Mount
FEATURES
• Single component reduces board space and
component counts - replaces 3 or more
components
• Tolerance matching and temperature tracking
superior to individual components
• Maximum power dissipation: 0.075 W for
CZA06S; 0.040 W for CZA04S
• Consult
factory
for
extended
values,
non-standard tolerances, impedance matching
and other attenuation values
• Frequency range: DC to 3 GHz
• Compliant to RoHS directive 2002/95/EC
Note
• Power rating depends on the maximum temperature at the solder point, the component placement density and the substrate material.
* Pb containing terminations are not RoHS compliant, excemptions may apply
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING
P70 °C
W
IMPEDANCE
Ω
ATTENUATION RANGE AND TOLERANCE
± 0.3 dB (L)
± 0.5 dB (H)
CZA04S
0.040
50
1 dB to 5 dB
6 dB to 20 dB
CZA06S
0.075
50/75/100/300/600
1 dB to 5 dB
6 dB to 20 dB
IMPEDANCE
50
Ω
75
Ω
100
Ω
300
Ω
600
Ω
Attenuation
in
dB
11
1
1
1
1.5
1.5
1.5
1.5
1.5
22
2
2
2
33
3
3
3
44
4
4
4
55
5
5
5
66
6
6
6
10
10
10
10
10
11
11
11
11
11
12
12
12
12
12
13
13
13
13
13
14
14
14
14
14
15
15
15
15
15
16
16
16
16
16
17
17
17
17
17
18
18
18
18
18
19
19
19
19
19
20
20
20
20
20
CIRCUIT SCHEMATIC
4-PIN CIRCUIT
Unbalanced
π Type
Unbalanced
π Type
4
1
3
2
R1
R2
R2
4
1
3
2
R1
R2
R2
CZA04S
(Marking)
CZA06S
(Marking)
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CZA04S
CZA06S
Rated dissipation at 70 °C
W
0.040
0.075
VSWR
1.2 max.
1.2 max.
Category temperature range
°C
- 55 to + 125
- 55 to + 150
Frequency range
DC to 3 GHz
DC to 3 GHz
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CZA06S04015050LRT (preferred part numbering format)
MODEL
PIN COUNT
ATTENUATION
IMPEDANCE
TOLERANCE
PACKAGING
SPECIAL
CZA04S
CZA06S
04 = 4 pin
010 = 1.0 dB
015 = 1.5 dB
020 = 2.0 dB
150 = 15.0 dB
000 = 0
Ω Jumper
050 = 50
Ω
075 = 75
Ω
100 = 100
Ω
000 = 0
Ω Jumper
H = ± 0.5 dB
L = ± 0.3 dB
Z = 0
Ω Jumper
EA =Lead (Pb)-free, T/R (all)
TD = Tin lead, T/R (04 only)
RT = Tin lead, T/R (06 only)
(Dash number)
Up to 1 digit
Blank = Standard
Historical Part Number Example: CZA06S04015050LRT (will continiue to be accepted)
CZA
06S
04
015
050
L
RT
MODEL
CASE SIZE
PIN COUNT
ATTENUATION
IMPEDANCE
TOLERANCE
PACKAGING
T
R
L
0
5
0
5
1
0
4
0
S
6
0
A
Z
C


Similar Description - CZA06S04015075HEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS800 VISHAY-LPS800_15 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor, Surface Mount Chip
Revision: 07-Aug-14
CZB VISHAY-CZB Datasheet
116Kb / 3P
   Thick Film Chip Attenuator, Surface Mount, Balanced Type
Revision: 14-May-14
M VISHAY-M Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
CZB VISHAY-CZB_V01 Datasheet
124Kb / 3P
   Thick Film Chip Attenuator, Surface Mount, Balanced ? Type
01-Jan-2022
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
   THICK-FILM CHIP RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com