Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG308BDY-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG308BDY-T1-E3
Description  Improved Quad CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG308BDY-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG308BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG308BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG308BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG308BDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG308BDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG308BDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG308BDY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG308BDY-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG308BDY-T1-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.vishay.com
8
Document Number: 70047
S11-0303-Rev. G, 28-Feb-11
Vishay Siliconix
DG308B, DG309B
APPLICATIONS
Figure 6. A Precision Amplifier with Digitally Programmable Inputs and Gains
Gain =
Gain 1 (x 1)
Gain 2 (x 10)
Gain 3 (x 100)
Gain 4 (x 1000)
- 15 V
+ 15 V
- 15 V
GND
DG419
30 pF
+ 15 V
+ 15 V
- 15 V
DG308B
Logic High = Switch On
+
-
LM101A
RF + Rg
Rg
VIN1
VIN2
CH
RF1
18 k
RF1
9.9 k
RF1
100 k
Rg3
100
Rg2
100
Rg1
2 k
V+
V-
GND
V-
+ 5 V
VL
Figure 7. Sample-and-Hold
LM101A
+ 15 V
- 15 V
30 pF
15 V
- 15 V
V+
V-
DG309B
50 pF
1000 pF
J202
J500
J507
+ 15 V
2N4400
- 15 V
VIN
VOUT
1 k

200
5 M

5.1 M

Aquisition Time
= 25 µs
Aperature Time
= 1 µs
Sample to Hold Offset
= 5 mV
Droop Rate
= 5 mV/s
Logic Input
Low = Sample
High = Hold
-
+


Similar Part No. - DG308BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308BDY-T1-E3 VISHAY-DG308BDY-T1-E3 Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
More results

Similar Description - DG308BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com