Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11620T Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB11620T
Description  Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11620T Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB11620T Datasheet HTML 1Page - Sanyo Semicon Device LB11620T Datasheet HTML 2Page - Sanyo Semicon Device LB11620T Datasheet HTML 3Page - Sanyo Semicon Device LB11620T Datasheet HTML 4Page - Sanyo Semicon Device LB11620T Datasheet HTML 5Page - Sanyo Semicon Device LB11620T Datasheet HTML 6Page - Sanyo Semicon Device LB11620T Datasheet HTML 7Page - Sanyo Semicon Device LB11620T Datasheet HTML 8Page - Sanyo Semicon Device LB11620T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LB11620T
No.A0662-5/11
Pin Functions
Pin No.
Pin
Description
1
GND
Ground
2
RF
Output current detection. The current detection resistor (Rf) voltage is sensed by the RF pin to implement current
detection.
The maximum output current is set by RF to be IOUT = 0.25/Rf.
7
5
3
UH
VH
WH
Outputs (PWM outputs).
These are push-pull outputs.
8
6
4
UL
VL
WL
Outputs
These are push-pull outputs.
10, 9
12, 11
14, 13
IN1+, IN1-
IN2+, IN2-
IN3+, IN3-
Hall sensor inputs from each motor phase.
The logic high state indicates that IN+ > IN-.
If inputs are provided by a Hall effect sensor IC, the common-mode input range is expanded by biasing either the + or -
input.
15
PWM
Functions as both the PWM oscillator frequency setting pin and the initial reset pulse setting pin. Connect a capacitor
between this pin and ground.
16
RD
Lock (motor constrained) detection state output. This output is turned on when the motor is turning and off when the lock
protection function detects that the motor has been stopped. This is an open collector output.
17
CSD
Sets the operating time for the lock protection circuit.
Connect a capacitor between this pin and ground. Connect this pin to ground if the lock protection function is not used.
18
PWMIN
PWM pulse signal input. The output goes to the drive state when this pin is low, and to the off state when this pin is high
or open. To use this pin for control, a CTL amplifier input such that the TOC pin voltage goes to the 100% duty state
must be provided.
19
F/R
Forward/reverse control input
20
HP
Hall signal output (HP output). This provides either a single Hall sensor output or a synthesized 3-sensor output.
21
N1
Hall signal output (HP output) selection
22
EI+
CTL amplifier + (noninverting) input. The PWMIN pin must be held at the low level to use this input for motor control
23
VREG
5V regulator output (Used as the control circuit power supply. A low-voltage protection circuit is built in.)
Connect a capacitor between this pin and ground for stabilization.
24
VCC
Power supply. Connect a capacitor between this pin and ground to prevent noise and other disturbances from affecting
this IC.


Similar Part No. - LB11620T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
logo
ON Semiconductor
LB11620T ONSEMI-LB11620T Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T ONSEMI-LB11620T Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
More results

Similar Description - LB11620T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8261 PANASONIC-AN8261 Datasheet
48Kb / 4P
   Brushless Motor Driver
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1672NM SANYO-LB1672NM Datasheet
97Kb / 4P
   Brushless-Sensorless Motor Driver
LB1674V SANYO-LB1674V Datasheet
240Kb / 6P
   Brushless, Sensorless Motor Driver
logo
List of Unclassifed Man...
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
   Brushless Motor Driver 120W
logo
Sanyo Semicon Device
LB1674M SANYO-LB1674M Datasheet
111Kb / 6P
   Brushless, Sensorless Motor Driver?
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com