Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG333A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG333A
Description  Precision Quad SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG333A Datasheet(HTML) 4 Page - Vishay Siliconix

  DG333A Datasheet HTML 1Page - Vishay Siliconix DG333A Datasheet HTML 2Page - Vishay Siliconix DG333A Datasheet HTML 3Page - Vishay Siliconix DG333A Datasheet HTML 4Page - Vishay Siliconix DG333A Datasheet HTML 5Page - Vishay Siliconix DG333A Datasheet HTML 6Page - Vishay Siliconix DG333A Datasheet HTML 7Page - Vishay Siliconix DG333A Datasheet HTML 8Page - Vishay Siliconix DG333A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 70803
S11-0154-Rev. C, 31-Jan-11
Vishay Siliconix
DG333A, DG333AL
Notes:
a. Room = 25 °C, Full = as determined by the operating temperature suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. Guaranteed by design, not subject to production test.
e. VIN = input voltage to perform proper function.
f. On-resistance match and flatness are guaranteed only for bipolar supply operation.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
SPECIFICATIONS (Unipolar Supplies)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
TA = 25°C
Temp.a
Limits D Suffix
- 40 °C to 85°C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VANALOG
Full
V-
V+
V
Channel On-Resistance
RDS(on)
IS = - 10 mA, VD = 10, 1 V
Room
35
75
Source Off Leakage Current
IS(off)
VD = 11 V, VS(open) = 1 V
Room
0.25
nA
Channel On Leakage Current
ID(on)
VD = 11 V, VS(open) = 0 V
VD = 1 V, VS(open) = V+
Room
0.75
Dynamic Characteristics
Turn-On Time
tON
See switching time test circuit see figure 2
Room
90
ns
Turn-Off Time
tOFF
Room
45
Break-Before-Make Time Delay
tD
See figure 3
Room
510
Power Supplies
Positive Supply Current
I+
DG333A: VIN = 0 or 5 V
Room
200
µA
Room
1
Positive Supply Current
I+
DG333AL: VIN = 0 or 5 V, VL = 5 V
Room
1
Logic Supply Current
IL
Room
1
Positive Supply Range
V+
Room
5
40
V
RDS(on) vs. VD (Dual Supply)
10
15
20
25
30
35
40
- 20
- 15
- 10
- 5
0
5
10
15
20
20 V
15 V
7.5 V
10 V
VD - Drain Voltage (V)
RDS(on) vs. VD and Temperature (Dual Supply)
10
15
20
25
30
35
40
- 15
- 10
- 5
0
5
10
15
VD - Drain Voltage (V)
125 °C
85 °C
70 °C
25 °C
0 °C
- 40 °C
- 55 °C


Similar Part No. - DG333A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333ADJ VISHAY-DG333ADJ Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADJ-E3 VISHAY-DG333ADJ-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333ADQ-T1-E3 VISHAY-DG333ADQ-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
More results

Similar Description - DG333A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
logo
Maxim Integrated Produc...
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com