Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG333A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG333A
Description  Precision Quad SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG333A Datasheet(HTML) 5 Page - Vishay Siliconix

  DG333A_11 Datasheet HTML 1Page - Vishay Siliconix DG333A_11 Datasheet HTML 2Page - Vishay Siliconix DG333A_11 Datasheet HTML 3Page - Vishay Siliconix DG333A_11 Datasheet HTML 4Page - Vishay Siliconix DG333A_11 Datasheet HTML 5Page - Vishay Siliconix DG333A_11 Datasheet HTML 6Page - Vishay Siliconix DG333A_11 Datasheet HTML 7Page - Vishay Siliconix DG333A_11 Datasheet HTML 8Page - Vishay Siliconix DG333A_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 70803
S11-0154-Rev. C, 31-Jan-11
www.vishay.com
5
Vishay Siliconix
DG333A, DG333AL
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RDS(on) vs. VD (Single Supply)
Leakage Currents vs. Analog Voltage
Input Switching Threshold vs. Supply Voltages
0
30
60
90
120
150
180
0369
12
15
VD - Drain Voltage (V)
10 V
7 V
5 V
12 V
15 V
30
20
- 30
- 15
- 10
15
10
0
- 5
0
5
10
- 10
- 20
V+ = 15 V
V- = - 15 V
ID(off), IS(off)
ID(on)
VD or VS - Drain or Source Voltage (V)
3.5
3.0
2.5
0
510
40
2.0
1.5
1.0
0.5
15
20
25
30
35
(V+)
RDS(on) vs. VD and Temperature (Single Supply)
Drain Charge Injection
Switching Time vs. Temperature
15
27
39
51
63
75
02468
10
12
125 °C
85 °C
70 °C
25 °C
0 °C
- 40 °C
- 55 °C
VD - Drain V oltage (V)
- 30
- 20
- 10
0
10
20
30
40
- 15
- 10
- 5
0
5
10
15
VS - Source Voltage (V)
Temperature (°C)
120
100
80
20
0
- 55 - 40
- 20
0
20
40
60
80
100
120
40
60
V+ = 15 V, V- = - 15 V
VIN = 3 V Pulse
tOFF
tON


Similar Part No. - DG333A_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADJ VISHAY-DG333ADJ Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADJ-E3 VISHAY-DG333ADJ-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333ADQ-T1-E3 VISHAY-DG333ADQ-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333ADW VISHAY-DG333ADW Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADW-E3 VISHAY-DG333ADW-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
More results

Similar Description - DG333A_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
logo
Maxim Integrated Produc...
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com