Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1991V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1991V
Description  For Fan Motor 3-phase Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1991V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1991V Datasheet HTML 1Page - Sanyo Semicon Device LB1991V Datasheet HTML 2Page - Sanyo Semicon Device LB1991V Datasheet HTML 3Page - Sanyo Semicon Device LB1991V Datasheet HTML 4Page - Sanyo Semicon Device LB1991V Datasheet HTML 5Page - Sanyo Semicon Device LB1991V Datasheet HTML 6Page - Sanyo Semicon Device LB1991V Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LB1991V
No.5792-3/7
Package Dimensions
unit : mm (typ)
3175C
Pin Assignment
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
20
19
18
17
24
23
22
21
Top view
LB1991V
Truth Table
Hall input
Source phase
→ Sink phase
U
V
W
FRC
V
→ W
H
1
W
→ V
H
H
L
L
U
→ W
H
2
W
→ U
H
L
L
L
U
→ V
H
3
V
→ U
H
L
H
L
W
→ V
H
4
V
→ W
L
L
H
L
W
→ U
H
5
U
→ W
L
H
H
L
V
→ U
H
6
U
→ V
L
H
L
L
Note: The “H” entries in the FRC column indicate a voltage of 2.50V or higher, and the “L” entries indicate a voltage of 0.4V or lower. (When VCC1 is 3V.)
At the Hall inputs, for each phase a high-level input is the state where the (+) input is 0.02V or higher than the (
−) input. Similarly, a low-level input is the
state where the (+) input is 0.02V or lower than the (
−) input.
SANYO : SSOP24(275mil)
7.8
0.22
0.65
(0.33)
12
13
24
1
0.15
-20
0
20
40
60
80
100
0
0.5
0.4
0.3
0.2
0.1
Pd max -- Ta
0.44
0.264
75
Ambient temperature, Ta -- °C


Similar Part No. - LB1991V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
More results

Similar Description - LB1991V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com