Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG211BDY-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG211BDY-T1-E3
Description  Improved Quad CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG211BDY-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG211BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG211BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG211BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG211BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG211BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG211BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG211BDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG211BDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG211BDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 70040
S11-0179-Rev. J, 07-Feb-11
www.vishay.com
3
Vishay Siliconix
DG211B, DG212B
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
e
Temp.a
D Suffix
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VANALOG
Full
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 10 V, IS = 1 mA
Room
Full
45
85
100
RDS(on) Match
R
DS(on)
Room
2
Source Off Leakage Current
IS(off)
VS = ± 14 V, VD = ± 14 V
Room
Full
- 0.5
- 5
± 0.01
0.5
5
nA
Drain Off Leakage Current
ID(off)
VD = ± 14 V, VS = ± 14 V
Room
Full
- 0.5
- 5
± 0.01
0.5
5
Drain On Leakage Current
ID(on)
VS = VD = ± 14 V
Room
Full
- 0.5
- 10
± 0.02
0.5
10
Digital Control
Input Voltage High
VINH
Full
2.4
V
Input Voltage Low
VINL
Full
0.8
Input Current
IINH or IINL
VINH or VINL
Full
- 1
1
µA
Input Capacitance
CIN
Room
5
pF
Dynamic Characteristics
Turn-On Time
tON
VS = 10 V
see figure 2
Room
300
ns
Turn-Off Time
tOFF
Room
200
Charge Injection
Q
CL = 1000 pF, Vgen = 0 V, Rgen = 0 
Room
1
pC
Source-Off Capacitance
CS(off)
VS = 0 V, f = 1 MHz
Room
5
pF
Drain-Off Capacitance
CD(off)
Room
5
Channel-On Capacitance
CD(on)
VD = VS = 0 V, f = 1 MHz
Room
16
Off Isolation
OIRR
CL = 15 pF, RL = 50 
VS = 1 VRMS, f = 100 kHz
Room
90
dB
Channel-to-Channel Crosstalk
XTALK
Room
95
Power Supply
Positive Supply Current
I+
VIN = 0 or 5 V
Room
Full
10
50
µA
Negative Supply Current
I-
Room
Full
- 10
- 50
Logic Supply Current
IL
Room
Full
10
50
Power Supply Range for
Continuous Operation
VOP
Full
± 4.5
± 22
V


Similar Part No. - DG211BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG211BDY VISHAY-DG211BDY Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
More results

Similar Description - DG211BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com