Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG201BDQ-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG201BDQ-T1-E3
Description  Improved Quad CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201BDQ-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG201BDQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG201BDQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG201BDQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG201BDQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG201BDQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG201BDQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG201BDQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG201BDQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG201BDQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.vishay.com
6
Document Number: 70037
S11-0800-Rev. J, 25-Apr-11
Vishay Siliconix
DG201B, DG202B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Switching Time vs. Single Supply Voltage
QS, QD - Charge Injection vs. Analog Voltage
0
2
4
6
8
1012
1416
1820
100
200
300
400
500
V- = 0 V
ton
toff
V+ - Positive Supply (V)
- 15
- 10
- 5
0
5
10
15
30
20
10
0
- 10
- 20
- 30
V+ = 15 V
V- = - 15 V
V+ = 12 V
V- = 0 V
VANALOG - Analog Voltage (V)
Switching Time vs. Power Supply Voltage
Off Isolation vs. Frequency
0
100
200
300
400
ton
toff
0
± 4
± 8
± 12
± 16
± 20
V+, V- Positive and Negative Supplies (V)
10K
100K
1M
10M
40
50
60
70
80
90
100
110
120
V+ = 15 V
V- = - 15 V
RL = 50 Ω
f - Frequency (Hz)
Supply Current vs. Switching Frequency
1K
10K
100K
1M
4
3
2
1
0
f - Frequency (Hz)


Similar Part No. - DG201BDQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG201BDQ-T1-E3 VISHAY-DG201BDQ-T1-E3 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG201BDQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com