Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG302BDJ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG302BDJ
Description  CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG302BDJ Datasheet(HTML) 4 Page - Vishay Siliconix

  DG302BDJ Datasheet HTML 1Page - Vishay Siliconix DG302BDJ Datasheet HTML 2Page - Vishay Siliconix DG302BDJ Datasheet HTML 3Page - Vishay Siliconix DG302BDJ Datasheet HTML 4Page - Vishay Siliconix DG302BDJ Datasheet HTML 5Page - Vishay Siliconix DG302BDJ Datasheet HTML 6Page - Vishay Siliconix DG302BDJ Datasheet HTML 7Page - Vishay Siliconix DG302BDJ Datasheet HTML 8Page - Vishay Siliconix DG302BDJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 71402
S11-0303-Rev. C, 28-Feb-11
Vishay Siliconix
DG300B, DG301B, DG302B, DG303B
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VIN = 0.8 V or VIN = 4 V
f
Temp.b
Limits
- 40 °C to 85 °C
Unit
Min.d
Typ.c
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
V
Drain-Source On-Resistance
RDS(on)
VD = ± 10 V, IS = - 10 mA
Room
Full
30
50
75
Source Off Leakage Current
IS(off)
VS = ± 14 V, VD = ± 14 V
Room
Hot
- 5
- 100
± 0.1
5
100
nA
Drain Off Leakage Current
ID(off)
Room
Hot
- 5
- 100
± 0.1
5
100
Drain On Leakage Current
ID(on)
VS = VD = ± 14 V
Room
Hot
- 5
- 100
± 0.1
5
100
Digital Control
Input Current with
Input Voltage High
IINH
VIN = 5 V
Room
Full
- 1
- 0.001
µA
VIN = 15 V
Room
Full
0.001
1
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Room
Full
- 1
- 0.001
Dynamic Characteristics
Turn-On Time
tON
see figure 2
Room
150
ns
Turn-Off Time
tOFF
Room
130
Break-Before-Make Time
tOPEN
DG301B, DG303B Only
figure 3
Room
50
Charge Injection
Q
CL = 1 nF, Rgen = 0 , Vgen = 0 V
figure 4
Room
8
pC
Source Off Capacitance
CS(off)
VS, VD = 0 V, f = 1 MHz
Room
14
pF
Drain Off Capacitance
CD(off)
Room
14
Channel-On Capacitance
CD(on)
Room
40
Input Capacitance
Cin
f = 1 MHz
VIN = 0 V
Room
6
VIN = 15 V
Room
7
Off Isolation
OIRR
VIN = 0 V, RL = 1 k
VS = 1 Vrms, f = 500 kHz
Room
62
dB
Crosstalk (Channel-to-Channel)
XTALK
Room
74
Power Supplies
Positive Supply Current
I+
VIN = 4 V (one input)
all others = 0 V
Room
Full
0.23
1
mA
Negative Supply Current
I-
Room
Full
- 100
- 0.001
µA
Positive Supply Current
I+
VIN = 0.8 V (all inputs)
Room
Full
0.001
100
Negative Supply Current
I-
Room
Full
- 100
- 0.001


Similar Part No. - DG302BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG302B VISHAY-DG302B Datasheet
62Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG302B VISHAY-DG302B Datasheet
211Kb / 14P
   CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG302BK MAXIM-DG302BK Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
DG302BWE MAXIM-DG302BWE Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
More results

Similar Description - DG302BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com