Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG202BDY-E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG202BDY-E3
Description  Improved Quad CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG202BDY-E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG202BDY-E3 Datasheet HTML 6Page - Vishay Siliconix DG202BDY-E3 Datasheet HTML 7Page - Vishay Siliconix DG202BDY-E3 Datasheet HTML 8Page - Vishay Siliconix DG202BDY-E3 Datasheet HTML 9Page - Vishay Siliconix DG202BDY-E3 Datasheet HTML 10Page - Vishay Siliconix DG202BDY-E3 Datasheet HTML 11Page - Vishay Siliconix DG202BDY-E3 Datasheet HTML 12Page - Vishay Siliconix DG202BDY-E3 Datasheet HTML 13Page - Vishay Siliconix DG202BDY-E3 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
All Leads
0.101 mm
0.004 IN
E
H
C
D
e
B
A1
L
4
3
12
8
7
56
13
14
16
15
9
10
12
11
Package Information
Vishay Siliconix
Document Number: 71194
02-Jul-01
www.vishay.com
1
SOIC (NARROW): 16LEAD
JEDEC Part Number: MS-012
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.38
0.51
0.015
0.020
C
0.18
0.23
0.007
0.009
D
9.80
10.00
0.385
0.393
E
3.80
4.00
0.149
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
L
0.50
0.93
0.020
0.037
0
_
8
_
0
_
8
_
ECN: S-03946—Rev. F, 09-Jul-01
DWG: 5300


Similar Part No. - DG202BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG202BDY-E3 VISHAY-DG202BDY-E3 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG202BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com