Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMKP1.3-365 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DCMKP1.3-365
Description  Capacitors for Power Electronics (PEC) - Cylindrical
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCMKP1.3-365 Datasheet(HTML) 1 Page - Vishay Siliconix

  DCMKP1.3-365 Datasheet HTML 1Page - Vishay Siliconix DCMKP1.3-365 Datasheet HTML 2Page - Vishay Siliconix DCMKP1.3-365 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Capacitors for Power Electronics (PEC) - Cylindrical
www.vishay.com
For technical questions, contact: esta@vishay.com
Document Number: 13039
14
Revision: 15-Feb-11
DCMKP
Vishay ESTA
FEATURES
• High impulse current rating up to 10 kA
• Low self-inductance of < 100 nH
• High reliability and life expectancy
• Withstands heavy duty shock and vibration
• Non-polar dielectric
• Dry, resin filled
APPLICATIONS
• DC linking and DC filtering in industry and traction
converters
• DC linking in low-power drives
• Impulse
discharge
capacitors
for
magnetizing
and
welding
• Replacement of aluminum electrolytic capacitors (lower
capacitance, higher currents)
DIMENSIONS in millimeters
Drawing 1
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Rated DC voltage min.
880 V
Rated DC voltage max.
1000 V
Capacitance min.
30 μF
Capacitance max.
2235 μF
Technology
Metallized polypropylene
Dissipation factor (tan
0)
< 2 x 10-4
Capacitance tolerance
± 5 %
Operating temperature (hot spot)
min. - 40 °C
max. + 80 °C
Inductance
< 100 nH
Lifetime expectancy
200 000 h at UNDC and < 60 °C hotspot
Reliability
200 FIT
Test voltage
Terminal/terminal = 1.5 x UNDC, 10 s
Terminal/case = 2 x UNDC + 1000 VAC, 60 s
Casing material
Aluminum
Filling
Resin polyurethane, UL 94 V-0
Standards
IEC 61071-1, IEC 61881 and EN 61071-1
M12
D
A
M8
30 ± 1
15.8
- 0
1
D
≤ 84.4 mm
A = 32 mm
D = 116 mm
A = 50 mm


Similar Part No. - DCMKP1.3-365

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCMKP1.1-9.0MF VISHAY-DCMKP1.1-9.0MF Datasheet
102Kb / 3P
   Capacitors for Power Electronics (PEC) - Rectangular
Revision: 26-Aug-11
DCMKP1.9-2.7MF VISHAY-DCMKP1.9-2.7MF Datasheet
102Kb / 3P
   Capacitors for Power Electronics (PEC) - Rectangular
Revision: 26-Aug-11
More results

Similar Description - DCMKP1.3-365

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GLIA VISHAY-GLIA_11 Datasheet
198Kb / 3P
   Capacitors for Power Electronics (PEC) - Cylindrical
Revision: 15-Feb-11
GLI VISHAY-GLI_11 Datasheet
275Kb / 3P
   Capacitors for Power Electronics (PEC) - Cylindrical
Revision: 15-Feb-11
DCMKP0.9-625UF VISHAY-DCMKP0.9-625UF Datasheet
102Kb / 3P
   Capacitors for Power Electronics (PEC) - Rectangular
Revision: 26-Aug-11
DCMKP VISHAY-DCMKP Datasheet
98Kb / 4P
   Power Electronic Capacitors (PEC)
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4207-A365 EPCOS-B25667-A4207-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A365 EPCOS-B25667-A4237-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A375 EPCOS-B25667-A4237-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4277-A375 EPCOS-B25667-A4277-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com