Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1947 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1947
Description  PWM Current Control Type Bidirectional Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1947 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1947 Datasheet HTML 1Page - Sanyo Semicon Device LB1947 Datasheet HTML 2Page - Sanyo Semicon Device LB1947 Datasheet HTML 3Page - Sanyo Semicon Device LB1947 Datasheet HTML 4Page - Sanyo Semicon Device LB1947 Datasheet HTML 5Page - Sanyo Semicon Device LB1947 Datasheet HTML 6Page - Sanyo Semicon Device LB1947 Datasheet HTML 7Page - Sanyo Semicon Device LB1947 Datasheet HTML 8Page - Sanyo Semicon Device LB1947 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
22509 MS / 80699RM(KI) No.6192-1/9
LB1947
Overview
The LB1947 is a PWM current control type bidirectional motor driver IC.
Features
• PWM current control (fixed OFF time)
• Selectable current decay pattern (FAST, SLOW, and MIX DECAY modes)
• Simultaneous ON prevention function (feed-through current prevention)
• Built-in thermal shutdown circuit
• Built-in noise canceler
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum motor supply voltage
VBB max
50
V
Output peak current
IO peak
tw ≤ 20µs
2.25
A
Output continuous current
IO max
2.0
A
Logic supply voltage
VCC max
7.0
V
Logic input voltage range
VIN
-0.3 to VCC
V
Emitter output voltage
VE max
1.1
V
Reference voltage
VREF
-0.3 to VCC
V
Allowable power dissipation
Pd max
1.6
W
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Monolithic Digital IC
PWM Current Control Type
Bidirectional Motor Driver
Ordering number : EN6192B


Similar Part No. - LB1947

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1947 SANYO-LB1947 Datasheet
60Kb / 7P
   PWM Current Control Type DC Motor Driver
LB1947VC SANYO-LB1947VC Datasheet
139Kb / 11P
   Monolithic Digital IC PWM Current Control Type Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1947VC ONSEMI-LB1947VC Datasheet
112Kb / 11P
   Forward/Reverse Motor Driver
May, 2013
More results

Similar Description - LB1947

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847_09 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H_09 Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB1847 SANYO-LB1847 Datasheet
128Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H Datasheet
48Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB1947 SANYO-LB1947 Datasheet
60Kb / 7P
   PWM Current Control Type DC Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB11847 SANYO-LB11847 Datasheet
112Kb / 16P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com