Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1940U Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1940U
Description  2-ch H-Bridge Constant Current Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1940U Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1940U Datasheet HTML 1Page - Sanyo Semicon Device LB1940U Datasheet HTML 2Page - Sanyo Semicon Device LB1940U Datasheet HTML 3Page - Sanyo Semicon Device LB1940U Datasheet HTML 4Page - Sanyo Semicon Device LB1940U Datasheet HTML 5Page - Sanyo Semicon Device LB1940U Datasheet HTML 6Page - Sanyo Semicon Device LB1940U Datasheet HTML 7Page - Sanyo Semicon Device LB1940U Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LB1940T/1940U
No.7232-6/8
Application Circuit Diagram
At constant-current control: The OUT current is controlled so that the RFG pin voltage is equal to the VC input pin
voltage.
For example, IOUT = 200mA (= 0.2V/1Ω) when VC = 0.2V and RFB = 1Ω.
*: There is no priority relationship between respective input voltages (ENA, IN) and respective supply voltages
(VDD, VS). For example, operation with VIN = 5V, VDD = 3V, VS = 2V is possible.
Note: The input voltage range to the reference voltage input pin VC for constant-current setting is from 0.19V to
1.0V.
Constant current setting
The composition of the constant-control circuit of this IC is as shown
in the figure below.
The voltage entered in the VC pin is entered as a reference to the “+”
side input of the constant-current control amplifier.
The “-” side of this constant-current control amplifier is connected to
the RFG pin via the wire bonded resistor Rb (= 0.1
Ω).
The constant-current control circuit consists of comparison of the
voltage generated at the external current detection resistor with the
above reference voltage.
In addition, since the bias current Ib (= 1.5µA) flows out of the
positive (+) input of the constant current control amplifier during the
constant current control, if the voltage is input to the VC pin by
dividing the VREF voltage by 4.5 according to the dividing resistance
(70k
Ω and 20kΩ) as shown in the figure, the formula for calculating
the VC voltage is as follows :
VC = VREF/4.5+Ib
×20kΩ = VREF/4.5+0.03
Therefore, the theoretical equation to set the constant current IOUT is as follows:
IOUT = VC/(RFB+Rb) = (VREF/4.5+0.03)/(RFB+Rb)
ENA1
ENA2
IN1
IN2
S-GND
SVDD
Vref
VC1
VC2
RFG1
RFG2
OUT1
OUT2
VDD
VS2
VS1
OUT3
OUT4
CPU
FC1
FC2
RfB
RfB
Ra
Rb
LB1940T
LB1940U


Similar Part No. - LB1940U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1940U SANYO-LB1940U Datasheet
450Kb / 9P
   LB1940T
LB1940U SANYO-LB1940U Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940U ONSEMI-LB1940U Datasheet
305Kb / 8P
   Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
More results

Similar Description - LB1940U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
   Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
   Constant current type 1-CH H-bridge driver IC
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver IC
LV8080LP SANYO-LV8080LP_09 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8080LP SANYO-LV8080LP_11 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8081GQ SANYO-LV8081GQ Datasheet
186Kb / 9P
   Two channels Constant-current H-bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com