Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV364M4UPBF Datasheet(PDF) 9 Page - Vishay Siliconix

Part # CPV364M4UPBF
Description  IGBT SIP Module (Ultrafast IGBT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPV364M4UPBF Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button CPV364M4UPBF Datasheet HTML 3Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 4Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 5Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 6Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 7Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 8Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 9Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 10Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 94489
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 01-Sep-08
9
CPV364M4UPbF
IGBT SIP Module
(Ultrafast IGBT)
Vishay High Power Products
Fig. 19 - Clamped Inductive Load Test Circuit
Fig. 20 - Pulsed Collector Current Test Circuit
CIRCUIT CONFIGURATION
D.U.T.
50 V
6000 µF
100 V
1000 V
L
V
C
0 - 480 V
R
L =
480 V
4 x I
C at 25 °C
3
618
15
410
16
9
12
713
19
Q1
Q2
Q3
D1
D2
D3
D4
D5
D6
Q4
Q5
Q6
1
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95066


Similar Part No. - CPV364M4UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV364M4U IRF-CPV364M4U Datasheet
273Kb / 10P
   IGBT SIP MODULE
More results

Similar Description - CPV364M4UPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPV363M4UPBF VISHAY-CPV363M4UPBF Datasheet
278Kb / 11P
   IGBT SIP Module (Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV362M4U IRF-CPV362M4U Datasheet
274Kb / 10P
   UltraFast IGBT IGBT SIP MODULE
CPU165MK IRF-CPU165MK Datasheet
92Kb / 2P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
VS-CPV363M4KPBF VISHAY-VS-CPV363M4KPBF Datasheet
261Kb / 10P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
VS-CPV364M4KPBF VISHAY-VS-CPV364M4KPBF Datasheet
252Kb / 11P
   IGBT SIP Module(Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV362MK IRF-CPV362MK Datasheet
460Kb / 8P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV363MK IRF-CPV363MK Datasheet
450Kb / 8P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV364MK IRF-CPV364MK Datasheet
447Kb / 8P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com