Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1868 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1868
Description  2-phase Brushless Fan Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1868 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1868_09 Datasheet HTML 1Page - Sanyo Semicon Device LB1868_09 Datasheet HTML 2Page - Sanyo Semicon Device LB1868_09 Datasheet HTML 3Page - Sanyo Semicon Device LB1868_09 Datasheet HTML 4Page - Sanyo Semicon Device LB1868_09 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1868
No.6202-4/5
Block Diagram
IN−
IN+
CT
OUT1
GND
VIN
RD
Z2
Z1
OUT2
L1
L2
H
VCC
R1
R2
0.47 to 10
µF
C1
Thermal
shutdown
Control block
Constant
current
source
Application Circuit Example
(1) 12V supply voltage
1
IN−
2
IN+
3
CT
4
5
OUT1
6
7
GND
10
9
VIN
RD
Z2
Z1
OUT2
8
LB1868
H
330
2k
VCC
12V
0.47
µF


Similar Part No. - LB1868_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M Datasheet
43Kb / 5P
   Two-Phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M Datasheet
88Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1868M ONSEMI-LB1868M Datasheet
89Kb / 5P
   Fan Motor Driver
May, 2013
LB1868M ONSEMI-LB1868M Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
LB1868M-TLM-E ONSEMI-LB1868M-TLM-E Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
More results

Similar Description - LB1868_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M_09 Datasheet
88Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
LB1868 ONSEMI-LB1868 Datasheet
84Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M_09 Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
   Two-Phase Brushless Fan Motor Driver
logo
Rohm
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com