Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1668 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1668
Description  Two-Phase Unipolar Drive Brushless Motor Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1668 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1668 Datasheet HTML 1Page - Sanyo Semicon Device LB1668 Datasheet HTML 2Page - Sanyo Semicon Device LB1668 Datasheet HTML 3Page - Sanyo Semicon Device LB1668 Datasheet HTML 4Page - Sanyo Semicon Device LB1668 Datasheet HTML 5Page - Sanyo Semicon Device LB1668 Datasheet HTML 6Page - Sanyo Semicon Device LB1668 Datasheet HTML 7Page - Sanyo Semicon Device LB1668 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
No. 4944-2/8
LB1668, LB1668M, LB1667, LB1667M
Parameter
Symbol
Conditions
Ratings
Unit
Input current range
ICC
6.0 to 50
mA
Common-mode input voltage range
VICM
0 to VIN –1.5
V
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output limit voltage
VOLM1
Z1, Z2 open
54
57
60
V
VOLM2
Z1, Z2 short
31
33
35
V
Vosat1
IO = 0.5 A
0.95
1.2
V
Output saturation voltage
Vosat2
IO = 1.0 A
1.15
1.5
V
Vosat3
IO = 1.5 A
1.4
2.0
V
VIN voltage
VIN
ICC = 7.0 mA
6.4
6.7
7.0
V
Amplifier input offset voltage
VOFF
–7.0
0
+7.0
mV
Amplifier input bias current
IBA
–250
nA
RD output saturation voltage
VRDsat
IRD = 5 mA*
0.1
0.3
V
FG output saturation voltage
VFG sat
IFG = 5 mA*
0.1
0.3
V
C outflow current
IC1
2.1
3.0
3.9
μA
C discharge current
IC2
0.31
0.44
0.59
μA
Comparator input threshold voltage
VTH1
0.77
0.8VIN
0.83
V
VTH2
0.42
0.45VIN
0.48
V
Thermal shutdown current operating temperature
TSD
Design target value
180
°C
Thermal shutdown circuit hysteresis
ΔTSD
Design target value
40
°C
Electrical Characteristics at Ta = 25°C, ICC = 10 mA
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
≤ 20 ms
200
mA
Output voltage
VOUT
Internal
V
Output current
IOUT
1.5
A
Output minus current
IOM
–50
mA
RD/FG influx current
IRD/IFG
10
mA
RD/FG voltage
VRD/VFG
30
V
LB1667M, 1668M: Mounted on a printed circuit board
0.8
W
Allowable power dissipation
Pd max
(20
× 15 × 1.5 mm3, glass epoxy)
LB1667, 1668
1.1
W
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Note: * RD output: LB1668/M, FG output: LB1667/M


Similar Part No. - LB1668

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
logo
Sanyo Semicon Device
LB1668M SANYO-LB1668M Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
ON Semiconductor
LB1668M ONSEMI-LB1668M Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
More results

Similar Description - LB1668

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
logo
Sanyo Semicon Device
LB1660N SANYO-LB1660N Datasheet
271Kb / 9P
   2-Phase Unipolar Brushless Motor Drivers
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
NJM2641 NJRC-NJM2641 Datasheet
51Kb / 3P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_17 Datasheet
193Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com