Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGP15 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DGP15
Description  Miniature Clamper/Damper Glass Passivated Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DGP15 Datasheet(HTML) 1 Page - Vishay Siliconix

  DGP15 Datasheet HTML 1Page - Vishay Siliconix DGP15 Datasheet HTML 2Page - Vishay Siliconix DGP15 Datasheet HTML 3Page - Vishay Siliconix DGP15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88567
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Clamper/Damper Glass Passivated Rectifier
CGP15, DGP15
Vishay General Semiconductor
FEATURES
• Superectifier structure
• Cavity-free glass passivated junction
• Low forward voltage drop
• Typical IR less than 0.1 μA
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high voltage rectification of power supplies,
inverters, converters and freewheeling diodes specially
designed
for
clamping
circuits,
horizontal
deflection
systems and damper applications.
MECHANICAL DATA
Case: DO-204AC, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.5 A
VRRM
1400 V, 1500 V
IFSM
40 A
IR
5.0 μA
VF
1.1 V
TJ max.
175 °C
DO-204AC (DO-15)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
CGP15
DGP15
UNIT
Maximum repetitive peak reverse voltage
VRRM
1400
1500
V
Maximum RMS voltage
VRMS
980
1050
V
Maximum DC blocking voltage
VDC
1400
1500
V
Maximum average forward rectified current
0.375" (9.5 mm) lead length at TA = 50 °C
IF(AV)
1.5
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
40
A
Maximum full load reverse current, full cycle average
0.375" (9.5 mm) lead length at TA = 100 °C
IR(AV)
50
μA
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - DGP15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DGP15 VISHAY-DGP15 Datasheet
33Kb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
Shenzhen Taychipst Elec...
DGP15 TAYCHIPST-DGP15 Datasheet
1Mb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
DGP15 VISHAY-DGP15 Datasheet
73Kb / 5P
   Miniature Clamper/Damper Glass Passivated Plastic Rectifier
Revision: 11-Dec-13
DGP15 VISHAY-DGP15 Datasheet
75Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
DGP15-E3 VISHAY-DGP15-E3 Datasheet
73Kb / 5P
   Miniature Clamper/Damper Glass Passivated Plastic Rectifier
Revision: 11-Dec-13
More results

Similar Description - DGP15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
logo
Shenzhen Taychipst Elec...
CGP15 TAYCHIPST-CGP15 Datasheet
1Mb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
CGP20 VISHAY-CGP20 Datasheet
79Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
BY448GP VISHAY-BY448GP Datasheet
80Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
CGP15 VISHAY-CGP15_V01 Datasheet
75Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
CGP15 VISHAY-CGP15 Datasheet
33Kb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
General Semiconductor
CG2 GE-CG2 Datasheet
52Kb / 2P
   MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
DGP15-E3 VISHAY-DGP15-E3 Datasheet
73Kb / 5P
   Miniature Clamper/Damper Glass Passivated Plastic Rectifier
Revision: 11-Dec-13
logo
General Semiconductor
CG1 GE-CG1 Datasheet
52Kb / 2P
   MINIATURE CLAMPER / DAMPER GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com