Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA75676M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA75676M
Description  For TV and VCR Products IF Signal Processor (VIFSIF)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75676M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA75676M Datasheet HTML 1Page - Sanyo Semicon Device LA75676M Datasheet HTML 2Page - Sanyo Semicon Device LA75676M Datasheet HTML 3Page - Sanyo Semicon Device LA75676M Datasheet HTML 4Page - Sanyo Semicon Device LA75676M Datasheet HTML 5Page - Sanyo Semicon Device LA75676M Datasheet HTML 6Page - Sanyo Semicon Device LA75676M Datasheet HTML 7Page - Sanyo Semicon Device LA75676M Datasheet HTML 8Page - Sanyo Semicon Device LA75676M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LA75676M
No.A0832-2/9
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5
V
Operating supply voltage range
VCC op
4.5 to 5.5
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V, fp = 45.75MHz
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[VIF Block]
Circuit current
I5
32
40
48
mA
Maximum RF AGC voltage
V14H
VCC-0.5
VCC
V
Minimum RF AGC voltage
V14L
0
0.5
V
Input sensitivity
Vi
S1 = OFF
32
38
44
dB
µV
AGC range
GR
58
63
dB
Maximum allowable input
Vi max
95
100
dB
µV
Video output voltage (no input)
V6
3.5
3.8
4.1
V
Sync signal tip voltage
V6tip
0.9
1.2
1.5
V
Video output level
VO
1.7
2
2.3
Vp-p
Black noise threshold voltage
VBTH
0.5
0.8
1.1
V
Black noise clamp voltage
VBCL
1.6
1.9
2.2
V
Video signal-to-noise ratio
S/N
48
52
dB
C-S beating
IC-S
38
43
dB
Frequency characteristics
fc
6MHz
-3
-1.5
dB
Differential gain
DG
3
6.5
%
Differential phase
DP
3
5
°C
AFT voltage (no signal)
V13
2.0
2.5
3.0
V
Maximum AFT voltage
V13H
4.0
4.4
5.0
V
Minimum AFT voltage
V13L
0.18
1.0
V
AFT detection sensitivity
Sf
28
40
52
mV/kHz
VIF input resistance
Ri
45.75MHz
1.5
k
VIF input capacitance
Ci
45.75MHz
3
pF
APC pull-in range (U)
fpu
1.3
2.0
MHz
APC pull-in range (L)
fpl
-2.0
-1.4
MHz
AFT tolerance frequency 1
dfa1
-150
0
+150
kHz
VCO 1 maximum range (U)
dfu
1.5
2.0
MHz
VCO 1 maximum range (L)
dfl
-2.0
-1.5
MHz
VCO control sensitivity
B
1.3
2.7
5.4
kHz/mV
[SIF BLOCK]
Limiting sensitivity
Vli (lim)
39
45
51
dB
µV
FM detection output voltage*
VO (FM)
4.5MHz
±25kHz
400
520
660
mVrms
AMR
AMR
50
60
dB
Total harmonic distortion
THD
0.3
0.8
%
SIF signal-to-noise ratio
S/N (FM)
59
64
dB
4.5MHz output level
Vsout
SIF IN 80dB
µV
87
94
101
dB
µV
* : If a wider FM detection output dynamic range is required, insert a resistor and capacitor in series between pin 23 and ground to adjust the level.


Similar Part No. - LA75676M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
More results

Similar Description - LA75676M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
logo
Panasonic Semiconductor
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
logo
Sanyo Semicon Device
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com