Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX584C2V4-V-G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZX584C2V4-V-G
Description  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX584C2V4-V-G Datasheet(HTML) 2 Page - Vishay Siliconix

  BZX584C2V4-V-G Datasheet HTML 1Page - Vishay Siliconix BZX584C2V4-V-G Datasheet HTML 2Page - Vishay Siliconix BZX584C2V4-V-G Datasheet HTML 3Page - Vishay Siliconix BZX584C2V4-V-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZX584C-V-G-Series
Vishay Semiconductors
Document Number 82390
Rev. 1.0, 14-Oct-10
www.vishay.com
2
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Electrical Characteristics
Part number
Type marking
Zener
voltage range
Dynamic resistance
Test
current
Temp.
coefficient of
Zener
voltage
Test
current
Reverse leakage
current
VZ at 5 mA
rzj at IZT1
rzj at IZT2
IZT1
αVZ at 5 mA
IZT2
IR
at VR
V
Ω
mA
10-4/°C
mA
µA
V
min.
max.
min.
max.
BZX584C2V4-V-G
.2
2.2
2.6
70 (
≤ 100) 275 (≤ 600)
5
- 9
- 4
1
50
1
BZX584C2V7-V-G
.3
2.5
2.9
75 (
≤ 100) 300 (≤ 600)
5
- 9
- 4
1
20
1
BZX584C3V0-V-G
.4
2.8
3.2
80 (
≤ 95) 325 (≤ 600)
5
- 9
- 3
1
10
1
BZX584C3V3-V-G
.5
3.1
3.5
85 (
≤ 95) 350 (≤ 600)
5
- 8
- 3
1
5
1
BZX584C3V6-V-G
.6
3.4
3.885 (
≤ 90) 375 (≤ 600)
5
- 8
- 3
1
5
1
BZX584C3V9-V-G
.7
3.7
4.1
85 (
≤ 90) 400 (≤ 600)
5
- 7
- 3
1
3
1
BZX584C4V3-V-G
.8
44.6
80 (
≤ 90) 410 (≤ 600)
5
- 6
- 1
1
3
1
BZX584C4V7-V-G
.9
4.4
5
50 (
≤ 80) 425 (≤ 500)
5
- 5
+ 2
1
3
2
BZX584C5V1-V-G
.1
4.8
5.4
40 (
≤ 60) 400 (≤ 480)
5
- 3
+ 4
1
2
2
BZX584C5V6-V-G
.0
5.2
6
15 (
≤ 40)
80 (
≤ 400)
5
- 2
+ 6
1
1
2
BZX584C6V2-V-G
5.8
6.6
6 (
≤ 10)
40 (
≤ 150)
5
- 1
+ 7
1
3
4
BZX584C6V8-V-G
6.4
7.2
6 (
≤ 15)
30 (
≤ 80)
5
+ 2
+ 7
1
2
4
BZX584C7V5-V-G
77.9
6 (
≤ 15)
30 (
≤ 80)
5
+ 3
+ 7
1
1
5
BZX584C8V2-V-G
7.7
8.7
6 (
≤ 15)
40 (
≤ 80)
5
+ 4
+ 7
1
0.7
5
BZX584C9V1-V-G
8.5
9.6
6 (
≤ 15)
40 (
≤ 100)
5
+ 5
+ 8
10.5
6
BZX584C10-V-G
9.4
10.6
8 (
≤ 20)
50 (
≤ 150)
5
+ 5
+ 8
10.2
7
BZX584C11-V-G
10.4
11.6
10 (
≤ 20)
50 (
≤ 150)
5
+ 5
+ 9
1
0.1
8
BZX584C12-V-G
11.4
12.7
10 (
≤ 25)
50 (
≤ 150)
5
+ 6
+ 9
1
0.1
8
BZX584C13-V-G
12.4
14.1
10 (
≤ 30)
50 (
≤ 170)
5
+ 7
+ 9
1
0.1
8
BZX584C15-V-G
13.8
15.6
10 (
≤ 30)
50 (
≤ 200)
5
+ 7
+ 9
1
0.1
8
BZX584C16-V-G
15.3
17.1
10 (
≤ 40)
50 (
≤ 200)
5
+ 8
+ 9.5
1
0.05
0.7 VZnom
BZX584C18-V-G
16.8
19.1
10 (
≤ 45)
50 (
≤ 225)
5
+ 8
+ 9.5
1
0.05
0.7 VZnom
BZX584C20-V-G
18.8
21.2
15 (
≤ 55)
60 (
≤ 225)
5
+ 8
+ 10
1
0.05
0.7 VZnom
BZX584C22-V-G
20.8
23.3
20 (
≤ 55)
60 (
≤ 250)
5
+ 8
+ 10
1
0.05
0.7 VZnom
BZX584C24-V-G
22.8
25.6
25 (
≤ 70)
60 (
≤ 250)
5
+ 8
+ 10
1
0.05
0.7 VZnom
BZX584C27-V-G
25.1
28.9
25 (
≤ 80)
65 (
≤ 300)
2
+ 8
+ 10
0.5
0.05
0.7 VZnom
BZX584C30-V-G
.K
28
32
30 (
≤ 80)
70 (
≤ 300)
2
+ 8
+ 10
0.5
0.05
0.7 VZnom
BZX584C33-V-G
31
35
35 (
≤ 80)
75 (
≤ 325)
2
+ 8
+ 10
0.5
0.05
0.7 VZnom
BZX584C36-V-G
34
38
35 (
≤ 90)
80 (
≤ 350)
2
+ 8
+ 10
0.5
0.05
0.7 VZnom
BZX584C39-V-G
37
41
40 (
≤ 130) 80 (≤ 350)
2
+ 10
+ 12
0.5
0.05
0.7 VZnom
BZX584C43-V-G
40
46
45 (
≤ 150) 85 (≤ 375)
2
+ 10
+ 12
0.5
0.05
0.7 VZnom
BZX584C47-V-G
. L
44
50
50 (
≤ 170) 85 (≤ 375)
2
+ 10
+ 12
0.5
0.05
0.7 VZnom
BZX584C51-V-G
. M
48
54
60 (
≤ 180) 85 (≤ 400)
2
+ 10
+ 12
0.5
0.05
0.7 VZnom
1
.
4
. 4
.
5
.
7
.
9
.
P
.
R
.
2
.


Similar Part No. - BZX584C2V4-V-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX584C2V4-V-G VISHAY-BZX584C2V4-V-G Datasheet
84Kb / 4P
   Small Signal Zener Diodes
Rev. 1.2, 19-Dec-13
More results

Similar Description - BZX584C2V4-V-G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com