Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA74308LP Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA74308LP
Description  Audio Interface for DSC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74308LP Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA74308LP Datasheet HTML 6Page - Sanyo Semicon Device LA74308LP Datasheet HTML 7Page - Sanyo Semicon Device LA74308LP Datasheet HTML 8Page - Sanyo Semicon Device LA74308LP Datasheet HTML 9Page - Sanyo Semicon Device LA74308LP Datasheet HTML 10Page - Sanyo Semicon Device LA74308LP Datasheet HTML 11Page - Sanyo Semicon Device LA74308LP Datasheet HTML 12Page - Sanyo Semicon Device LA74308LP Datasheet HTML 13Page - Sanyo Semicon Device LA74308LP Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LA74308LP
No.A0898-10/16
Description of Pin Functions
Pin No.
Pin Description
1
Speaker input
2
EVR output
3
STANDBY control
4
LINE output
5
LINE MUTE Tr. output
6
C.S. input
7
CLOCK input
8
DATA input
9
GND
10
PB input
11
VCCA
12
REC output
13
ALC detection
14
ALC input
15
2nd order HPF
16
MIC output
17
MIC input
18
INT power supply for MIC
19
Ripple rejection for VREFL
20
SPK GND
21
Speaker positive-phase output
22
VCCSP
23
Speaker negative-phase output
24
SPK GND


Similar Part No. - LA74308LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
More results

Similar Description - LA74308LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
logo
Rohm
BU7843AGU ROHM-BU7843AGU Datasheet
405Kb / 6P
   Audio Interface for Cellular Phone
BA8272AFV ROHM-BA8272AFV Datasheet
116Kb / 8P
   BUS Interface for car audio
BA8270F ROHM-BA8270F Datasheet
97Kb / 6P
   Bus interface for car audio
BA8272F ROHM-BA8272F Datasheet
108Kb / 6P
   Bus interface for car audio
logo
Aimtron Technology
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com