Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV28-150 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYV28-150
Description  Ultra-Fast Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV28-150 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYV28-150 Datasheet HTML 1Page - Vishay Siliconix BYV28-150 Datasheet HTML 2Page - Vishay Siliconix BYV28-150 Datasheet HTML 3Page - Vishay Siliconix BYV28-150 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYV28-50, BYV28-100, BYV28-150, BYV28-200
Ultra-Fast Avalanche Sinterglass
Diode
Vishay Semiconductors
Document Number: 86044
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.7, 25-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
73
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Max. Thermal Resistance vs. Lead Length
Fig. 2 - Forward Current vs. Forward Voltage
Fig. 3 - Max. Average Forward Current vs. Ambient Temperature
Fig. 4 - Reverse Current vs. Junction Temperature
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
25
K/W
On PC board with spacing 25 mm
RthJA
70
K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 5 A
VF
--
1.1
V
IF = 5 A, Tj = 175 °C
VF
-
-
0.89
V
Reverse current
VR = VRRM
IR
--
1
μA
VRSM
IR
-
-
100
μA
VR = VRRM, Tj = 165 °C
IR
-
-
150
μA
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
-
-
30
ns
0
10
20
30
40
15
10
5
0
202530
l - Lead Length (mm)
949548
ll
T
L = constant
0.001
0.01
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
2.0
VF - Forward Voltage (V)
16453
T
j = 175 °C
T
j = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80 100 120 140 160 180
Tamb - Ambient Temperature (°C)
16454
V
R = VRRM
half sine wave
R
thJA ≤ 25 K/W
l = 10 mm
R
thJA ≤ 70 K/W
PCB: d = 25 mm
1
10
100
1000
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
16455
V
R = VRRM


Similar Part No. - BYV28-150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV28-150 PHILIPS-BYV28-150 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV28-150 VISHAY-BYV28-150 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV28-150 VISHAY-BYV28-150 Datasheet
43Kb / 4P
   Ultra Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
General Semiconductor
BYV28-150 GE-BYV28-150 Datasheet
53Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
BYV28-150 LUGUANG-BYV28-150 Datasheet
183Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - BYV28-150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
   Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYT53A VISHAY-BYT53A_V01 Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_V01 Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com