Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYT54A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYT54A
Description  Fast Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT54A Datasheet(HTML) 1 Page - Vishay Siliconix

  BYT54A Datasheet HTML 1Page - Vishay Siliconix BYT54A Datasheet HTML 2Page - Vishay Siliconix BYT54A Datasheet HTML 3Page - Vishay Siliconix BYT54A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 86031
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.7, 25-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
115
Fast Avalanche Sinterglass Diode
BYT54A, BYT54B, BYT54D, BYT54G, BYT54J, BYT54K, BYT54M
Vishay Semiconductors
MECHANICAL DATA
Case: SOD-57
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 369 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• Soft recovery characteristics
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
APPLICATIONS
• Very fast rectification and switching diodes
949539
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BYT54A
VR = 50 V; IFAV = 1.25 A
SOD-57
BYT54B
VR = 100 V; IFAV = 1.25 A
SOD-57
BYT54D
VR = 200 V; IFAV = 1.25 A
SOD-57
BYT54G
VR = 400 V; IFAV = 1.25 A
SOD-57
BYT54J
VR = 600 V; IFAV = 1.25 A
SOD-57
BYT54K
VR = 800 V; IFAV = 1.25 A
SOD-57
BYT54M
VR = 1000 V; IFAV = 1.25 A
SOD-57
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak
reverse voltage
See electrical characteristics
BYT54A
VR = VRRM
50
V
BYT54B
VR = VRRM
100
V
BYT54D
VR = VRRM
200
V
BYT54G
VR = VRRM
400
V
BYT54J
VR = VRRM
600
V
BYT54K
VR = VRRM
800
V
BYT54M
VR = VRRM
1000
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
30
A
Average forward current
On PC board
IFAV
0.75
A
l = 10mm
IFAV
1.25
A
Non repetitive reverse avalanche
energy
I(BR)R = 0.4 A
BYT54J
ER
10
mJ
BYT54K
ER
10
mJ
BYT54M
ER
10
mJ
Junction and storage temperature
range
Tj = Tstg
- 55 to + 175
°C


Similar Part No. - BYT54A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT54A VISHAY-BYT54A Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Frontier Electronics.
BYT54A FRONTIER-BYT54A Datasheet
61Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
BYT54A LUGUANG-BYT54A Datasheet
240Kb / 2P
   High Efficiency Rectifiers
logo
Vishay Siliconix
BYT54A VISHAY-BYT54A Datasheet
121Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 11-Sep-12
logo
Diode Semiconductor Kor...
BYT54A DSK-BYT54A Datasheet
444Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - BYT54A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com