Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6586T Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA6586T
Description  BTL Driver Single-Phase Full-Wave Fan Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6586T Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA6586T Datasheet HTML 1Page - Sanyo Semicon Device LA6586T Datasheet HTML 2Page - Sanyo Semicon Device LA6586T Datasheet HTML 3Page - Sanyo Semicon Device LA6586T Datasheet HTML 4Page - Sanyo Semicon Device LA6586T Datasheet HTML 5Page - Sanyo Semicon Device LA6586T Datasheet HTML 6Page - Sanyo Semicon Device LA6586T Datasheet HTML 7Page - Sanyo Semicon Device LA6586T Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LA6586T
No.8348-3/8
Truth Table
IN-
IN+
CT
OUT1
OUT2
FG
RD
Mode
H
L
L
H
L
L
L
During rotation
L
H
L
H
H
-
-
H
OFF
OFF
-
H
During overheat protection
Pin Assignment
Test Circuit Diagram
Input current (ICC)
LA6586T
GND
OUT1
CT
HB
IN-
RD
FG
IN+
VCC
OUT2
Top view
VIN+=3V
VIN-=4V
VCC=12V
10
9
8
7
1
4
5
2
3
6
VCT=0 or 2V
A


Similar Part No. - LA6586T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6586FA ONSEMI-LA6586FA Datasheet
87Kb / 7P
   BTL Driver Single-Phase Full-Wave
May, 2013
More results

Similar Description - LA6586T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581U SANYO-LA6581U Datasheet
71Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581T SANYO-LA6581T_09 Datasheet
75Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6583M SANYO-LA6583M Datasheet
96Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6587T SANYO-LA6587T_11 Datasheet
100Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6584 SANYO-LA6584 Datasheet
85Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6584M ONSEMI-LA6584M Datasheet
92Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com