Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6583M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA6583M
Description  Fan Motor Driver BTL Driver Single-Phase Full-Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6583M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA6583M Datasheet HTML 1Page - Sanyo Semicon Device LA6583M Datasheet HTML 2Page - Sanyo Semicon Device LA6583M Datasheet HTML 3Page - Sanyo Semicon Device LA6583M Datasheet HTML 4Page - Sanyo Semicon Device LA6583M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ordering number : EN8775A
Monolithic Linear IC
Fan Motor Driver
BTL Driver Single-Phase Full-Wave
LA6583M
Overview
The LA6583M is a low-saturation BTL output linear driving motor driver for single-phase bipolar fan motors. It features
quite, low power, high efficiency drive that suppresses reactive current. It is optimal for use in applications that require
miniaturization and low noise, such as CPU cooling fan motors and 5 to 12V electronic game products.
Features
• Single-phase full-wave linear drive with BTL output (gain resistance 1K-360K)
: Most appropriate for consumer appliances power supply and car audio system, namely equipment that requires silence
because this has no switching noise.
• Low-voltage operation possible, with wide operable voltage range (2.8 to 13.8V)
• Low saturation output (Upper + lower saturation voltage: VO sat (total) = 1.1Vtyp, IO = 200mA)
: High coil efficiency with low current drain. IC itself does not generate much heat.
• Lock protection and auto return circuits built-in
• Lock protection signal output (L during rotation, H at stop; open collector output)
• FG output (rotation speed detection output: open collector output)
• Hall bias built-in (VHB = 1.3V)
• Heat protection circuit (Design guarantee)
: When the large current flows because of output short-circuit, raising the IC chip temperature above 180
°C, the heat
protection circuit suppresses the drive current, preventing IC burn and breakdown.
• Compact and high heat capacity package
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
80509 SY / 32807 TI IM B8-8575 No.8775-1/5


Similar Part No. - LA6583M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6583MC SANYO-LA6583MC Datasheet
89Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
logo
ON Semiconductor
LA6583MC ONSEMI-LA6583MC Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
LA6583MC ONSEMI-LA6583MC Datasheet
188Kb / 8P
   Fan Motor Driver, BTL Driver Single?륯hase Full?륹ave
February, 2018 ??Rev. 1
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
188Kb / 8P
   Fan Motor Driver, BTL Driver Single?륯hase Full?륹ave
February, 2018 ??Rev. 1
More results

Similar Description - LA6583M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581U SANYO-LA6581U Datasheet
71Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6586T SANYO-LA6586T Datasheet
124Kb / 8P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
LA6581T SANYO-LA6581T_09 Datasheet
75Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6587T SANYO-LA6587T_11 Datasheet
100Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6584 SANYO-LA6584 Datasheet
85Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6584M ONSEMI-LA6584M Datasheet
92Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com