Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYG21K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYG21K
Description  Fast Avalanche SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG21K Datasheet(HTML) 2 Page - Vishay Siliconix

  BYG21K Datasheet HTML 1Page - Vishay Siliconix BYG21K Datasheet HTML 2Page - Vishay Siliconix BYG21K Datasheet HTML 3Page - Vishay Siliconix BYG21K Datasheet HTML 4Page - Vishay Siliconix BYG21K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYG21K & BYG21M
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88961
Revision: 11-Apr-08
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Notes:
(1) Mounted on epoxy-glass hard tissue
(2) Mounted on epoxy-glass hard tissue, 50 mm2 35 µm Cu
(3) Mounted on Al-oxide-ceramic (Al2O3), 50 mm
2 35 µm Cu
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYG21K
BYG21M
UNIT
Maximum instantaneous
forward voltage (1)
IF = 1 A
IF = 1.5 A
TJ = 25 °C
VF
1.5
1.6
V
Maximum reverse current
VR = VRRM
TJ = 25 °C
TJ = 100 °C
IR
1
10
µA
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
120
ns
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYG21K
BYG21M
UNIT
Typical thermal resistance, junction to lead TL = const.
RθJL
25
°C/W
Typical thermal resistance, junction to ambient
RθJA
150 (1)
125 (2)
100 (3)
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE Q’TY
DELIVERY MODE
BYG21K-E3/TR
0.064
TR
1800
7" diameter plastic tape and reel
BYG21K-E3/TR3
0.064
TR3
7500
13" diameter plastic tape and reel
BYG21KHE3/TR (1)
0.064
TR
1800
7" diameter plastic tape and reel
BYG21KHE3/TR3 (1)
0.064
TR3
7500
13" diameter plastic tape and reel
Figure 1. Forward Current vs. Forward Voltage
0.001
0.01
0.1
1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Forward Voltage (V)
T
J = 150 °C
T
J = 25 °C
Figure 2. Max. Average Forward Current vs. Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Ambient Temperature (°C)
100
75
50
25
0
125
150
V
R = VRRM
Half Sine-Wave
RθJA = 25 K/W
RθJA = 125 K/W
RθJA = 150 K/W


Similar Part No. - BYG21K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
58Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
87Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 24-Aug-12
logo
SUNMATE electronic Co.,...
BYG21K SUNMATE-BYG21K Datasheet
621Kb / 3P
   FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
101Kb / 5P
   Fast Avalanche SMD Rectifier
01-Jan-2022
More results

Similar Description - BYG21K

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
BYG24D TAYCHIPST-BYG24D Datasheet
3Mb / 2P
   Fast Avalanche SMD Rectifier
logo
Vishay Siliconix
BYG24JHE3 VISHAY-BYG24JHE3 Datasheet
86Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG21K VISHAY-BYG21K_V01 Datasheet
101Kb / 5P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D_V01 Datasheet
99Kb / 4P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D Datasheet
92Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
BYG21K VISHAY-BYG21K_13 Datasheet
87Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 24-Aug-12
BYG21M-E3-TR VISHAY-BYG21M-E3-TR Datasheet
92Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG24 VISHAY-BYG24 Datasheet
68Kb / 3P
   Fast Avalanche SMD Rectifier
Rev. 1.2, 19-Oct-04
BYG24D-E3 VISHAY-BYG24D-E3 Datasheet
90Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG21K-M3 VISHAY-BYG21K-M3 Datasheet
96Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 23-Feb-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com