Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXA10FP600 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LXA10FP600
Description  600 V, 10 A X-Series PFC Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LXA10FP600 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LXA10FP600 Datasheet HTML 1Page - Power Integrations, Inc. LXA10FP600 Datasheet HTML 2Page - Power Integrations, Inc. LXA10FP600 Datasheet HTML 3Page - Power Integrations, Inc. LXA10FP600 Datasheet HTML 4Page - Power Integrations, Inc. LXA10FP600 Datasheet HTML 5Page - Power Integrations, Inc. LXA10FP600 Datasheet HTML 6Page - Power Integrations, Inc. LXA10FP600 Datasheet HTML 7Page - Power Integrations, Inc. LXA10FP600 Datasheet HTML 8Page - Power Integrations, Inc. LXA10FP600 Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.powerint.com
Rev 1.1 01/11
LXA10T600, LXA10FP600
4
0
5
10
15
20
25
30
35
40
45
50
55
25
50
75
100
125
150
TC(°C)
duty cycle=10%
duty cycle=50%
duty cycle=30%
DC
Figure 9. IF(PEAK) vs TC, f=70 kHz, TO-220
0
5
10
15
20
25
30
35
40
45
50
55
25
50
75
100
125
150
TC(°C)
duty cycle=10%
duty cycle=50%
duty cycle=30%
DC
Figure 10. IF(PEAK) vs TC, f=70 kHz, FullPak
LXA10T600
0.001
0.01
0.1
1
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
t1(sec)
D=0.002
D=0.005
D= 0.01
D= 0.02
D= 0.05
D= 0.1
D = 0.3
D= 0.5
Single Pulse
Figure 11. Normalized Maximum Transient Thermal Impedance, TO-220


Similar Part No. - LXA10FP600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA10T600 POWERINT-LXA10T600 Datasheet
252Kb / 7P
   600 V, 10 A X-Series PFC Diode
January 2016
LXA10T600 POWERINT-LXA10T600_V01 Datasheet
252Kb / 7P
   600 V, 10 A X-Series PFC Diode
January 2016
logo
List of Unclassifed Man...
LXA10VB101M6X14LL ETC1-LXA10VB101M6X14LL Datasheet
840Kb / 5P
   LXA/LX Series
LXA10VB102M12X20LL ETC1-LXA10VB102M12X20LL Datasheet
840Kb / 5P
   LXA/LX Series
LXA10VB221M8X14LL ETC1-LXA10VB221M8X14LL Datasheet
840Kb / 5P
   LXA/LX Series
More results

Similar Description - LXA10FP600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA10T600 POWERINT-LXA10T600_V01 Datasheet
252Kb / 7P
   600 V, 10 A X-Series PFC Diode
January 2016
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
LXA08T600 POWERINT-LXA08T600 Datasheet
246Kb / 10P
   600 V, 8 A X-Series PFC Diode
LXA06T600 POWERINT-LXA06T600 Datasheet
244Kb / 8P
   600 V, 6 A X-Series PFC Diode
LXA04T600 POWERINT-LXA04T600_V01 Datasheet
277Kb / 8P
   600 V, 4 A X-Series PFC Diode
LXA20T600 POWERINT-LXA20T600_V01 Datasheet
355Kb / 7P
   600 V, 20 A X-Series PFC Diode
June 2015
LXA15T600 POWERINT-LXA15T600 Datasheet
123Kb / 7P
   600 V, 15 A X-Series PFC Diode
LXA20T600 POWERINT-LXA20T600 Datasheet
116Kb / 7P
   600 V, 20 A X-Series PFC Diode
LXA03T600 POWERINT-LXA03T600_V01 Datasheet
288Kb / 8P
   600 V, 3 A X-Series PFC Diode
November 2013
LXA08T600 POWERINT-LXA08T600_V01 Datasheet
490Kb / 8P
   600 V, 8 A X-Series PFC Diode
January 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com