Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1006A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BU1006A
Description  Enhanced PowerBridge Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU1006A Datasheet(HTML) 5 Page - Vishay Siliconix

  BU1006A_11 Datasheet HTML 1Page - Vishay Siliconix BU1006A_11 Datasheet HTML 2Page - Vishay Siliconix BU1006A_11 Datasheet HTML 3Page - Vishay Siliconix BU1006A_11 Datasheet HTML 4Page - Vishay Siliconix BU1006A_11 Datasheet HTML 5Page - Vishay Siliconix BU1006A_11 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
New Product
BU1006A thru BU1010A
Vishay General Semiconductor
Document Number: 89294
Revision: 15-Mar-11
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
www.vishay.com
5
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FORMING SPECIFICATION: BU-5S in inches (millimeters)
APPLICATION NOTE
(1) Device UL approved for safety use dielectric strength of 1500 V.
(2) If device is mounted in Floating Ground (F. G.) application, insulator is recommended to use to meet safety requirement.
(3) Heat sink shape recommendation:
0.085 (2.16)
0.065 (1.65)
0.310 (7.9)
0.290 (7.4)
0.020R (TYP.)
0.100 (2.54)
0.085 (2.16)
0.160 (4.1)
0.140 (3.5)
0.880 (22.3)
0.860 (21.8)
0.125 (3.2) x 45°
Chamfer
0.075
(1.9) R
+
-
~~
0.080 (2.03)
0.060 (1.52)
0.050 (1.27)
0.040 (1.02)
0.213 (5.40)
0.173 (4.40)
0.417 (10.60)
0.370 (9.40)
0.080 (2.03)
0.065 (1.65)
0.319 (8.10)
0.272 (6.90)
0.319 (8.10)
0.272 (6.90)
0.315 (8.0)
0.276 (7.0)
0.028 (0.72)
0.020 (0.52)
0.219 (5.55)
MAX.
0.161 (4.10)
0.142 (3.60)
0.740 (18.8)
0.720 (18.3)
TYP.
TYP.
0.134 (3.40)
0.087 (2.20)
2.5 mm MIN.
2.5 mm MIN.
By Safety Requirements
Heatsink
(3)


Similar Part No. - BU1006A_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU1006A-E3 VISHAY-BU1006A-E3 Datasheet
103Kb / 5P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1006A-E345 VISHAY-BU1006A-E345 Datasheet
121Kb / 6P
   Enhanced Power Bridge Rectifiers
Revision: 11-Mar-08
BU1006A-E351 VISHAY-BU1006A-E351 Datasheet
121Kb / 6P
   Enhanced Power Bridge Rectifiers
Revision: 11-Mar-08
BU1006A-M3 VISHAY-BU1006A-M3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 27-Jun-13
BU1006A5S-E345 VISHAY-BU1006A5S-E345 Datasheet
121Kb / 6P
   Enhanced Power Bridge Rectifiers
Revision: 11-Mar-08
More results

Similar Description - BU1006A_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PB5006 VISHAY-PB5006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3506 VISHAY-PB3506 Datasheet
94Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU2006 VISHAY-BU2006 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1006 VISHAY-BU1006 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU2506 VISHAY-BU2506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB4006 VISHAY-PB4006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1206 VISHAY-BU1206 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1506 VISHAY-BU1506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
logo
Rectron Semiconductor
RBUH2506M RECTRON-RBUH2506M Datasheet
261Kb / 6P
   Enhanced PowerBRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25.0 Amperes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com