Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA2450 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MA2450
Description  Power Switching Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MA2450 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MA2450 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MA2450 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MA2450 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MA2450 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MA2450 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MA2450 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MA2450 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA2450
●Standard Operating Condition・Design Standard For Application Circuit
Unit
P Class
N Class
Input Rated Voltage
AC90~132 AC90~132
V
Output Nominal Wattage
100
100
W
Output Nominal Voltage
15
15
V
Output Nominal Current
6.6
6.6
A
●Standard Operating Condition・Standard Operating Characteristics (Ta=25℃)
Unit
P Class
N Class
Minimum Input Full Load Output Voltage
Vin=90V, I
O=6.6A
15.0±0.75 15.0±0.75
VFig 2, ① Refer
Maximum Input Light Load Output Voltage
Vin=132V, I
O=0.66A
15.0±0.75 15.0±0.75
VFig 2, ② Refer
AC Input Voltage
IO=6.6A
MAX 85
MAX 85
V
Over Current Protection
Foldback Current
Vin=132V, VO=12V
MAX 10MAX 10
AFig 2, ③ Refer
Short Circuit
Vin=132V, R
O=0.5Ω
-Fig 2, ④ Refer
mV
Output Ripple Noise
Vin=90~132V, I
O=0.66~6.6A
MAX 150
MAX 150
P-P
Figure in ○=Terminal Sign
Nodamage To Any Device,
Automatic Recovery.
Item
Ratings
Item
Conditions
Ratings
Conditions
Fig2. Output Voltage/Current
Fig1. Measurement Circuit


Similar Part No. - MA2450

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA245.LBIC.002 TAOGLAS-MA245.LBIC.002 Datasheet
4Mb / 44P
   Genesis 4in1 GNSS, 2*LTE & WiFi Low Profile Adhesive Mount Antenna
More results

Similar Description - MA2450

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com