Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240U20 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 240U20
Description  Standard Recovery Diodes (Stud and Flat Base Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

240U20 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  240U20 Datasheet HTML 1Page - Naina Semiconductor ltd. 240U20 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Standard Recovery Diodes
Features
Diffused Series
Industrial grade
Available in Normal and Reverse polarity
Metric and UNF thread type
Electrical Specifications (TE = 25
0C, unless otherwise
Symbol
Parameters
IF(AV)
Maximum avg. forward current @ T
= 150
OC
VFM
Maximum peak forward voltage drop
@ rated IF(AV)
IFSM
Maximum peak one cycle (non-rep)
surge current @ 10 msec
IFRM
Maximum peak repetitive surge
current
I
2t
Maximum I
2t rating (non-rep) for 5 to
10 msec
Electrical Ratings (TE = 25
0C, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
10
100
20
200
40
400
60
600
320NS(R)
80
800
100
1000
120
1200
140
1400
160
1600
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
andard Recovery Diodes (Stud and Flat Base Type)
Available in Normal and Reverse polarity
DO-205AB (DO
C, unless otherwise noted)
Values
Units
Maximum avg. forward current @ TE
320
A
Maximum peak forward voltage drop
1.4
V
rep)
6000
A
15000
A
rep) for 5 to
180000
A
2sec
C, unless otherwise noted)
VR(RMS), Maximum
RMS reverse
voltage
(V)
VR, Maximum
DC blocking
voltage
(V)
Recommended RMS
working voltage
(V)
70
100
40
140
200
80
280
400
160
420
600
240
560
800
320
700
1000
400
840
1200
480
980
1400
560
1120
1600
640
320NS(R)
4205450
Fax: 0120-4273653
www.nainasemi.com
(Stud and Flat Base Type)
205AB (DO-9)
Recommended RMS
working voltage
(V)
IR(AV), Maximum
avg. reverse
leakage current
(µA)
40
80
160
240
320
200
400
480
560
640


Similar Part No. - 240U20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
240U060D IRF-240U060D Datasheet
123Kb / 6P
   STANDARD RECOVERY DIODES
240U080D IRF-240U080D Datasheet
123Kb / 6P
   STANDARD RECOVERY DIODES
240U100D IRF-240U100D Datasheet
123Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
240U100D VISHAY-240U100D Datasheet
131Kb / 7P
   Standard Recovery Diodes (Stud Version), 320 A
Revision: 28-May-08
logo
International Rectifier
240U120D IRF-240U120D Datasheet
123Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 240U20

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
200NS NAINA-200NS_11 Datasheet
107Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
150NS NAINA-150NS_1 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
300NS NAINA-300NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
300NS NAINA-300NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
250NS NAINA-250NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
100NS NAINA-100NS Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
320NS NAINA-320NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
100NS NAINA-100NS_11 Datasheet
107Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
250NS NAINA-250NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
400NS NAINA-400NS_11 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com