Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA5160AM Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA5160AM
Description  5V/0.1A Constant-voltage Power Supply IC with Output ON/OFF Feature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5160AM Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA5160AM Datasheet HTML 1Page - Sanyo Semicon Device LA5160AM Datasheet HTML 2Page - Sanyo Semicon Device LA5160AM Datasheet HTML 3Page - Sanyo Semicon Device LA5160AM Datasheet HTML 4Page - Sanyo Semicon Device LA5160AM Datasheet HTML 5Page - Sanyo Semicon Device LA5160AM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LA5160AM
No.8319-6/6
PS
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the
performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted
in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer's
products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and
reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual
property rights or other rights of third parties.
This catalog provides information as of June, 2005. Specifications and information herein are subject
to change without notice.


Similar Part No. - LA5160AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA5112N ETC-LA5112N Datasheet
69Kb / 2P
   LA5112N
logo
Sanyo Semicon Device
LA5112N SANYO-LA5112N Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
More results

Similar Description - LA5160AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5296FP MITSUBISHI-M5296FP Datasheet
367Kb / 9P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TINER IC
logo
Renesas Technology Corp
M5296FP RENESAS-M5296FP Datasheet
4Mb / 10P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TIMER IC
logo
Sanyo Semicon Device
L78MS05J SANYO-L78MS05J_06 Datasheet
347Kb / 7P
   5V Constant-Voltage Power Supply with Strobe Line
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M_10 Datasheet
325Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
   3.3V Constant-Voltage Power Supply IC
LV59025M SANYO-LV59025M Datasheet
372Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
   1.8V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M Datasheet
783Kb / 7P
   3.3V Constant-Voltage Power Supply IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com