Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L88MS00T Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # L88MS00T
Description  4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

L88MS00T Datasheet(HTML) 4 Page - Sanyo Semicon Device

  L88MS00T_10 Datasheet HTML 1Page - Sanyo Semicon Device L88MS00T_10 Datasheet HTML 2Page - Sanyo Semicon Device L88MS00T_10 Datasheet HTML 3Page - Sanyo Semicon Device L88MS00T_10 Datasheet HTML 4Page - Sanyo Semicon Device L88MS00T_10 Datasheet HTML 5Page - Sanyo Semicon Device L88MS00T_10 Datasheet HTML 6Page - Sanyo Semicon Device L88MS00T_10 Datasheet HTML 7Page - Sanyo Semicon Device L88MS00T_10 Datasheet HTML 8Page - Sanyo Semicon Device L88MS00T_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
[L88MS08T]
Operating Conditions
at Ta = 25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
8.8to17
V
Output current
lOUT
0to500
mA
Output on control voltage
VSTL
–0.3 to +0.8
V
Output off control voltage
VSTH
2.0toVIN
V
Operating Characteristics
at Tj = 25 °C, VIN =11 V,IO = 500 mA, COUT = 100 μF, CIN,Cn=1 μF,
see specified Test Circuit.
Parameter
Symbol
Conditions
min
typ
max
Unit
[Output on, VST =‘‘L’’]
Output voltage
VOUT
7.76
8.0
8.24
V
Dropout voltage
VDROP1
0.4
0.6
V
VDROP2
lO = 150 mA
0.2
0.3
V
Line regulation
ΔVOLN
8.8 V
% VIN % 17 V
10
50
mV
Load regulation
ΔVOLD
5mA
% IOUT % 500 mA
48
160
mV
Peak output current
lOP
600
900
mA
Output short-circuit current
lOSC
100
300
mA
Quiescent current
IQ1
IOUT =0
2.2
5.0
mA
IQ2
24
50
mA
Output noise voltage
VNO
10 Hz
% f % 100 kHz
40
μVrms
Temperature coefficient of
output voltage
ΔVOUT/ΔTj Tj = 25 to 125 °C
±0.8
mV/°C
Ripple rejection
Rrej
f = 120 Hz, 9 V
% VIN % 17 V
76
dB
Output on control voltage
VSTL
0.8
V
[Output off, VST = ‘‘H’’ ]
Low output voltage
VO OFF
VST =5V
20
200
mV
Static current
IQ OFF
VST = 5 V, Except ISTB
150
300
μA
Output off control voltage
VSTH
2.0
VIN
V
[L88MS09T]
Operating Conditions
at Ta = 25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
9.9to17
V
Output current
lOUT
0to500
mA
Output on control voltage
VSTL
–0.3 to +0.8
V
Output off control voltage
VSTH
2.0toVIN
V
L88MS00T Series
No.4186-4/11


Similar Part No. - L88MS00T_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L88MS00T SANYO-L88MS00T Datasheet
186Kb / 11P
   4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
More results

Similar Description - L88MS00T_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L88MS00T SANYO-L88MS00T Datasheet
186Kb / 11P
   4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
L88MS33T SANYO-L88MS33T Datasheet
130Kb / 7P
   3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
Sanyo Semicon Device
L88M00T SANYO-L88M00T_09 Datasheet
229Kb / 8P
   3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator
L88M00T SANYO-L88M00T Datasheet
154Kb / 8P
   3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com