Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78MR00 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # L78MR00
Description  5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

L78MR00 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  L78MR00_10 Datasheet HTML 1Page - Sanyo Semicon Device L78MR00_10 Datasheet HTML 2Page - Sanyo Semicon Device L78MR00_10 Datasheet HTML 3Page - Sanyo Semicon Device L78MR00_10 Datasheet HTML 4Page - Sanyo Semicon Device L78MR00_10 Datasheet HTML 5Page - Sanyo Semicon Device L78MR00_10 Datasheet HTML 6Page - Sanyo Semicon Device L78MR00_10 Datasheet HTML 7Page - Sanyo Semicon Device L78MR00_10 Datasheet HTML 8Page - Sanyo Semicon Device L78MR00_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L78MR00 Series
No.2168–4/10
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
t
u
p
t
u
O
VO16
.
80
.
94
.
9V
VO2V
5
.
1
1
≤V N
I ≤
A
m
5
,
V
4
2
≤IO≤
A
5
3
.
05
.
85
.
9V
n
o
i
t
a
l
u
g
e
R
e
n
i
L
ΔVO
1
N
L6
.
10
0
1V
m
2
N
L8
.
00
5V
m
n
o
i
t
a
l
u
g
e
R
d
a
o
L
ΔVO
1
D
L0
.
50
8
1V
m
2
D
L0
.
30
9V
m
n
o
i
t
a
p
i
s
s
i
D
t
n
e
r
r
u
CI C
C
5
.
30
.
6A
m
)
e
n
i
L
(
n
o
i
t
a
i
r
a
V
n
o
i
t
a
p
i
s
s
i
D
t
n
e
r
r
u
C
ΔI C
C
N
LV
5
.
1
1
≤V N
I ≤
I
,
V
5
2
O
A
2
.
0
=8
.
0A
m
)
d
a
o
L
(
n
o
i
t
a
i
r
a
V
n
o
i
t
a
p
i
s
s
i
D
t
n
e
r
r
u
C
ΔI C
C
D
LA
m
5
≤IO≤
A
5
3
.
05
.
0A
m
e
g
a
t
l
o
V
e
s
i
o
N
t
u
p
t
u
OV O
N
IO
z
H
0
1
,
A
m
5
=
≤f≤
z
H
k
0
0
10
1
1V
μ
n
o
i
t
c
e
j
e
R
e
l
p
p
i
R
1
r
R6
53
7B
d
2
r
R6
50
7B
d
e
g
a
t
l
o
V
t
u
o
p
o
r
Dp
o
r
d
V
0
.
25
.
2V
t
n
e
r
r
u
C
t
u
p
t
u
O
k
a
e
PI P
O
1
.
1A
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
SI
C
S
O
2
0
.
0A
e
g
a
t
l
o
V
t
u
p
t
u
O
f
o
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
ΔVO/ΔT
9
.
0
e
g
a
t
l
o
V
t
u
p
t
u
O
t
e
s
e
R
'
L
'V
L
R
O
VO≤
I
,
V
1
.
8
R
O
I
,
A
m
0
2
=
O
A
m
5
=8
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O
t
e
s
e
RI L
R
VR
V
5
3
=0
5A
μ
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
t
e
s
e
RV T
R
IO
A
m
5
=
VO
4
5
.
0
–VO
6
3
.
0
V
e
g
a
t
l
o
V
s
i
s
e
r
e
t
s
y
H
t
e
s
e
RV
H
T
R
IO
A
m
5
=0
8
1V
m
e
m
i
T
y
a
l
e
D
t
u
p
t
u
O
t
e
s
e
Rtd
I
,
F
μ
1
.
0
=
d
C
O
A
m
5
=0
1s
m
[L78MR09]
Recommended Operating Conditions at Ta = 25˚C
Operating Characteristics at Ta = 25˚C, VIN=15V, IO=0.35A, CO=10μF
Tj=25
°C
Tj=25
°C, 11.5V≤VIN≤25V, IO=0.2A
Tj=25
°C, 12V≤VIN≤25V, IO=0.2A
Tj=25
°C, 5mA≤IO≤0.5A
Tj=25
°C, 5mA≤IO≤0.2A
Tj=25
°C
Tj=25
°C, f=120Hz, 12V≤VIN≤22V,
IO=0.1A
Tj=25
°C, f=120Hz, 12V≤VIN≤22V,
IO=0.3A
Tj=25
°C
Tj=25
°C, VIN=35V
IO=5mA, Tj=25 to 125°C
mV/˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
t
u
p
n
IV N
I
4
2
o
t
2
1V
t
n
e
r
r
u
C
t
u
p
t
u
OIO
0
0
5
o
t
5A
m
t
n
e
r
r
u
C
t
u
p
t
u
O
t
e
s
e
RI R
O
VO≤
V
1
.
8
x
a
m
0
2A
m
[L78MR12]
Recommended Operating Conditions at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
t
u
p
n
IV N
I
7
2
o
t
5
1V
t
n
e
r
r
u
C
t
u
p
t
u
OIO
0
0
5
o
t
5A
m
t
n
e
r
r
u
C
t
u
p
t
u
O
t
e
s
e
RI R
O
VO≤
V
8
.
0
1
x
a
m
0
2A
m
Continued on next page.


Similar Part No. - L78MR00_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
More results

Similar Description - L78MR00_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
L79M00T SANYO-L79M00T Datasheet
140Kb / 5P
   -5 to -12V 0.5A 3-Pin Voltage Regulators
L78M00T SANYO-L78M00T_10 Datasheet
58Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L780S00 SANYO-L780S00 Datasheet
261Kb / 9P
   5 to 24V 1A 5-Pin Voltage Regulators with Strobe Pin
L79M00T SANYO-L79M00T_09 Datasheet
105Kb / 5P
   ?? to ??2V 0.5A 3-Pin Voltage Regulators
L88R05 SANYO-L88R05_10 Datasheet
323Kb / 6P
   5 V, 1 A Voltage-regulator ICs with Reset Function
logo
PulseCore Semiconductor
PCS811 PULSECORE-PCS811 Datasheet
456Kb / 8P
   5-Pin 關P Voltage Supervisor with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com