Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTS2057 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTS2057
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2057 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTS2057 Datasheet HTML 1Page - Sanyo Semicon Device FTS2057 Datasheet HTML 2Page - Sanyo Semicon Device FTS2057 Datasheet HTML 3Page - Sanyo Semicon Device FTS2057 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FTS2057
No.8989-3/4
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
IT16583
0
0
2
4
6
20
16
18
14
10
8
6
4
212
10
8
VDS=50V
ID=3A
0.1
1.0
10
23 5 7
23 5 7
23 5 7
2 3 5
100
1000
7
0.001
0.01
0.1
1.0
100
10
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
5
7
3
2 IDP=12A (PW≤10μs)
ID=3A
100ms
1ms
10ms
Operation in this
area is limited by RDS(on).
DC
operation
IT16584
0
5
100
10
7
5
3
2
1000
10000
7
5
3
2
7
3
2
100
60
80
70
90
30
40
10
50
20
IT16582
IT16581
IT16580
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
7
5
3
2
0.01
0.1
7
5
3
2
2
1.0
7
5
3
IT16579
f=1MHz
Ciss
Coss
Crss
0.1
1.0
23
5
7
2
2
3
5
7
2
0.1
1.0
3
5
7
10
VDS=10V
Ta=
--25
°C
75°
C
VGS=0V
10
1.0
3
3
2
2
5
7
100
1000
5
7
3
2
5
7
0.1
1.0
2
23
5 7
10
100
35 7
2
35 7
VDD=50V
VGS=10V
td(off)
tf
td(on)
tr
IT16577
IT16578
0
60
200
16
2468
10
12
--60 --40 --20
0
20
40
60
80
100 120 140 160
14
140
160
120
100
180
80
0
250
100
50
200
150
V GS
=4.5V
, I D
=1.5A
V GS
=4.0V
, I D
=1.5A
Ta=25
°C
ID=1.5A
V GS
=10.0V
, I D
=3.0A
3.0A
10
35
7
25°
C
10
7
5
2
3
100
μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate (2000mm2
×0.8mm)


Similar Part No. - FTS2057

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTS2051 SANYO-FTS2051 Datasheet
37Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - FTS2057

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com