Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQA20B300C Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LQA20B300C
Description  300 V, 20 A Q-Series Common-Cathode Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LQA20B300C Datasheet(HTML) 6 Page - Power Integrations, Inc.

  LQA20B300C Datasheet HTML 1Page - Power Integrations, Inc. LQA20B300C Datasheet HTML 2Page - Power Integrations, Inc. LQA20B300C Datasheet HTML 3Page - Power Integrations, Inc. LQA20B300C Datasheet HTML 4Page - Power Integrations, Inc. LQA20B300C Datasheet HTML 5Page - Power Integrations, Inc. LQA20B300C Datasheet HTML 6Page - Power Integrations, Inc. LQA20B300C Datasheet HTML 7Page - Power Integrations, Inc. LQA20B300C Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.powerint.com
Rev 1.5 01/11
LQA20T300C, LQA20B300C
6
Soldering time and temperature: This product has been designed for use with high-
temperature, lead-free solder. The component leads can be subjected to a maximum
temperature of 300 °C, for up to 10 seconds. See Application Note AN-303, for more
details.
Ordering Information
Part Number
Package
Packing
LQA20T300C
TO-220AB
50 units/tube
LQA20B300C
TO-263AB
800 units/reel
The information contained in this document is subject to change without notice.


Similar Part No. - LQA20B300C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA20B300C POWERINT-LQA20B300C Datasheet
375Kb / 9P
   300 V, 20 A Q-Series Common-Cathode Diode
November 2015
logo
Inchange Semiconductor ...
LQA20B300C ISC-LQA20B300C Datasheet
323Kb / 2P
   Ultrafast Recovery Diode
More results

Similar Description - LQA20B300C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA20T300C POWERINT-LQA20T300C_V01 Datasheet
375Kb / 9P
   300 V, 20 A Q-Series Common-Cathode Diode
November 2015
LQA32T300C POWERINT-LQA32T300C Datasheet
103Kb / 7P
   300 V, 32 A Q-Series Common-Cathode Diode
LQA30A300C POWERINT-LQA30A300C Datasheet
133Kb / 7P
   300 V, 30 A Q-Series Common-Cathode Diode
LQA12T300C POWERINT-LQA12T300C Datasheet
185Kb / 8P
   300 V, 12 A Q-Series Common-Cathode Diode
LQA60A300C POWERINT-LQA60A300C Datasheet
136Kb / 8P
   300 V, 60 A Q-Series Common-Cathode Diode
LQA20T150C POWERINT-LQA20T150C Datasheet
550Kb / 8P
   150 V, 20 A Common-Cathode Diode
Dec. 2014
LQA20T200C POWERINT-LQA20T200C Datasheet
696Kb / 8P
   200 V, 20 A Common-Cathode Diode
April 2013
LQA30T300 POWERINT-LQA30T300 Datasheet
121Kb / 7P
   300 V, 30 A Q-Series Diode
LQA06T300 POWERINT-LQA06T300 Datasheet
120Kb / 7P
   300 V, 6 A Q-Series Diode
LQA10T300 POWERINT-LQA10T300 Datasheet
120Kb / 7P
   300 V, 10 A Q-Series Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com