Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQA10T300 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LQA10T300
Description  300 V, 10 A Q-Series Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LQA10T300 Datasheet(HTML) 7 Page - Power Integrations, Inc.

  LQA10T300 Datasheet HTML 1Page - Power Integrations, Inc. LQA10T300 Datasheet HTML 2Page - Power Integrations, Inc. LQA10T300 Datasheet HTML 3Page - Power Integrations, Inc. LQA10T300 Datasheet HTML 4Page - Power Integrations, Inc. LQA10T300 Datasheet HTML 5Page - Power Integrations, Inc. LQA10T300 Datasheet HTML 6Page - Power Integrations, Inc. LQA10T300 Datasheet HTML 7Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev 1.2 01/11
www.powerint.com
LQA10T300
7
For the latest updates, visit our website: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein. POWER
INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING,
WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS.
PATENT INFORMATION
The products and applications illustrated herein (including transformer construction and circuits external to the products)
may be covered by one or more U.S. and foreign patents, or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com. Power
Integrations grants its customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, CAPZero, SENZero, LinkZero, HiperPFS, HiperTFS,
Qspeed, EcoSmart, Clampless, E-Shield, Filterfuse, StackFET, PI Expert and PI FACTS are trademarks of Power Integrations, Inc.
Other trademarks are property of their respective companies. ©Copyright 2011 Power Integrations, Inc.
Power Integrations Worldwide Sales Support Locations
WORLD HEADQUARTERS
5245 Hellyer Avenue
San Jose, CA 95138, USA.
Main: +1-408-414-9200
Customer Service:
Phone: +1-408-414-9665
Fax: +1-408-414-9765
e-mail:
usasales@powerint.com
GERMANY
Rueckertstrasse 3
D-80336, Munich
Germany
Phone: +49-89-5527-3911
Fax: +49-89-5527-3920
e-mail:
eurosales@powerint.com
JAPAN
Kosei Dai-3 Building
2-12-11, Shin-Yokohama,
Kohoku-ku, Yokohama-shi,
Kanagawa 222-0033
Japan
Phone: +81-45-471-1021
Fax: +81-45-471-3717
e-mail: japansales@powerint.com
TAIWAN
5F, No. 318, Nei Hu Rd., Sec. 1
Nei Hu District
Taipei 114, Taiwan R.O.C.
Phone: +886-2-2659-4570
Fax: +886-2-2659-4550
e-mail:
taiwansales@powerint.com
CHINA (SHANGHAI)
Rm 1601/1610, Tower 1
Kerry Everbright City
No. 218 Tianmu Road West
Shanghai, P.R.C. 200070
Phone: +86-021-6354-6323
Fax: +86-021-6354-6325
e-mail:
chinasales@powerint.com
INDIA
#1, 14
th Main Road
Vasanthanagar
Bangalore-560052
India
Phone: +91-80-4113-8020
Fax: +91-80-4113-8023
e-mail:
indiasales@powerint.com
KOREA
RM 602, 6FL
Korea City Air Terminal B/D, 159-6
Samsung-Dong, Kangnam-Gu,
Seoul, 135-728
Korea
Phone: +82-2-2016-6610
Fax: +82-2-2016-6630
e-mail: koreasales@powerint.com
EUROPE HQ
1st Floor, St. James’s House
East Street, Farnham
Surrey GU9 7TJ
United Kingdom
Phone: +44 (0) 1252-730-141
Fax: +44 (0) 1252-727-689
e-mail:
eurosales@powerint.com
CHINA (SHENZHEN)
Rm A, B & C 4
th Floor, Block C,
Electronics Science and
Technology Building
2070 Shennan Zhong Road
Shenzhen, Guangdong,
P.R.C. 518031
Phone: +86-755-8379-3243
Fax: +86-755-8379-5828
e-mail:
chinasales@powerint.com
ITALY
Via De Amicis 2
20091 Bresso MI
Italy
Phone: +39-028-928-6000
Fax: +39-028-928-6009
e-mail:
eurosales@powerint.com
SINGAPORE
51 Newton Road,
#19-01/05 Goldhill Plaza
Singapore, 308900
Phone: +65-6358-2160
Fax: +65-6358-2015
e-mail:
singaporesales@powerint.com
APPLICATIONS HOTLINE
World Wide +1-408-414-9660
APPLICATIONS FAX
World Wide +1-408-414-9760


Similar Part No. - LQA10T300

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA10T150C POWERINT-LQA10T150C Datasheet
677Kb / 8P
   150 V, 10 A Common-Cathode Diode
January 2015
LQA10T200C POWERINT-LQA10T200C Datasheet
647Kb / 8P
   200 V, 10 A Common-Cathode Diode
November 2019
More results

Similar Description - LQA10T300

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA30T300 POWERINT-LQA30T300 Datasheet
121Kb / 7P
   300 V, 30 A Q-Series Diode
LQA06T300 POWERINT-LQA06T300 Datasheet
120Kb / 7P
   300 V, 6 A Q-Series Diode
LQA16T300 POWERINT-LQA16T300 Datasheet
174Kb / 7P
   300 V, 16 A Q-Series Diode
LQA32T300C POWERINT-LQA32T300C Datasheet
103Kb / 7P
   300 V, 32 A Q-Series Common-Cathode Diode
LQA30A300C POWERINT-LQA30A300C Datasheet
133Kb / 7P
   300 V, 30 A Q-Series Common-Cathode Diode
LQA20T300C POWERINT-LQA20T300C Datasheet
185Kb / 8P
   300 V, 20 A Q-Series Common-Cathode Diode
LQA20T300C POWERINT-LQA20T300C_V01 Datasheet
375Kb / 9P
   300 V, 20 A Q-Series Common-Cathode Diode
November 2015
LQA60A300C POWERINT-LQA60A300C Datasheet
136Kb / 8P
   300 V, 60 A Q-Series Common-Cathode Diode
LQA12T300C POWERINT-LQA12T300C Datasheet
185Kb / 8P
   300 V, 12 A Q-Series Common-Cathode Diode
logo
Fairchild Semiconductor
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
   10 A, 300 V, Ultrafast Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com