Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCB010 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DCB010
Description  Very High-Speed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DCB010 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DCB010 Datasheet HTML 1Page - Sanyo Semicon Device DCB010 Datasheet HTML 2Page - Sanyo Semicon Device DCB010 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DCB010
No.1895-1/3
Features
Ideally suited for use in hybrid ICs because of very small-sized package.
Fast switching speed.
Small interterminal capacitance.
Specifications
Absolute Maximum Ratings at Tc=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Peak Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Peak Forward Current
IFM
300
mA
IFM*
450
mA
Average Rectified Current
IO
100
mA
IO*
150
mA
Surge Current (1μs)
IFSM
4A
IFSM*
6A
Allowable Power Dissipation
P
200
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
* : Total value
Electrical Characteristics at Tc=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VF1
IF=1mA
0.60
V
Forward Voltage
VF2
IF=10mA
0.72
V
VF3
IF=100mA
1.20
V
Reverse Current
IR1
VR=30V
0.1
μA
IR2
VR=80V
0.5
μA
Marking: W6
Continued on next page.
SANYO Semiconductors
DATA SHEET
Ordering number : EN1895C
41509DH MS IM TC-00001938 / N0106 / 12000 GI IM / 2279TA, TS
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
www.semiconductor-sanyo.com/network
DCB010
Silicon Epitaxial Planar Type (Cathode Common)
Very High-Speed Switching Diode


Similar Part No. - DCB010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCB010 SANYO-DCB010 Datasheet
22Kb / 3P
   Very High-Speed Switching Diode
More results

Similar Description - DCB010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCA010 SANYO-DCA010_06 Datasheet
34Kb / 3P
   Very High-Speed Switching Diode
GMA02 SANYO-GMA02 Datasheet
45Kb / 2P
   Very High-Speed Switching Diode
logo
ON Semiconductor
DCA010 ONSEMI-DCA010 Datasheet
715Kb / 3P
   Very High-Speed Switching Diode
December 2014 - Rev. 0
logo
Sanyo Semicon Device
DCA010 SANYO-DCA010 Datasheet
22Kb / 3P
   Very High-Speed Switching Diode
DS446 SANYO-DS446 Datasheet
49Kb / 2P
   Very High-Speed Switching Diode
DCB010 SANYO-DCB010 Datasheet
22Kb / 3P
   Very High-Speed Switching Diode
GMB01 SANYO-GMB01 Datasheet
50Kb / 2P
   Very High-Speed Switching Diode
DSE010 SANYO-DSE010 Datasheet
49Kb / 2P
   Very High-Speed Switching Diode
LFB01 SANYO-LFB01 Datasheet
54Kb / 2P
   Very High-Speed Switching Diode
logo
STMicroelectronics
STL106D STMICROELECTRONICS-STL106D Datasheet
117Kb / 8P
   Very high switching speed
March 2008 Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com