Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK626DG Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK626DG
Description  Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK626DG Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK626DG Datasheet HTML 1Page - Power Integrations, Inc. LNK626DG Datasheet HTML 2Page - Power Integrations, Inc. LNK626DG Datasheet HTML 3Page - Power Integrations, Inc. LNK626DG Datasheet HTML 4Page - Power Integrations, Inc. LNK626DG Datasheet HTML 5Page - Power Integrations, Inc. LNK626DG Datasheet HTML 6Page - Power Integrations, Inc. LNK626DG Datasheet HTML 7Page - Power Integrations, Inc. LNK626DG Datasheet HTML 8Page - Power Integrations, Inc. LNK626DG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Rev. E 09/09
4
LNK623-626
www.powerint.com
Applications Example
Circuit Description
This circuit is configured as a three output, primary-side
regulated flyback power supply utilizing the LNK626PG. It can
deliver 7 W continuously and 10 W peak (thermally limited) from
an universal input voltage range (85 – 265 VAC). Efficiency is
>67% at 115 VAC/230 VAC and no-load input power is
<140 mW at 230 VAC.
Input Filter
AC input power is rectified by diodes D1 through D4. The
rectified DC is filtered by the bulk storage capacitors C1 and
C2. Inductor L1, L2, C1 and C2 form a pi (π) filter, which
attenuates conducted differential-mode EMI noise. This
configuration along with Power Integrations transformer
E-shieldtechnology allow this design to meet EMI standard
EN55022 class B with good margin without requiring a
Y capacitor. Fuse F1 provides protection against catastrophic
failure. Negative temperature coefficient thermistor RT1 limits
the inrush current when AC is first applied to below the
maximum rating of diodes D1 through D4. Metal oxide varistor
RV1 clamps the AC input during differential line transients,
protecting the input components and maintaining the peak
drain voltage of U1 below its 700 V BV
DSS rating.
For differential
surge levels at or below 2 kV this component may be omitted.
LNK626 Primary
The LNK626PG device (U1) incorporates the power switching
device, oscillator, CV control engine, startup, and protection
functions. The integrated 700 V MOSFET provides a large drain
voltage margin in universal input AC applications, increasing
reliability and also reducing the output diode voltage stress by
allowing a greater transformer turns ratio. The device can be
completely self-powered from the BYPASS pin and decoupling
capacitor C4. In this design a bias circuit (D6, C6 and R4) was
added to reduce no load input power below 140 mW.
The rectified and filtered input voltage is applied to one side of
the primary winding of T1. The other side of the transformer’s
primary winding is driven by the integrated MOSFET in U1. The
leakage inductance drain voltage spike is limited by the clamp
circuit D5, R1, R2, C3 and VR1. The zener bleed clamp
arrangement was selected for lowest no-load input power but in
applications where higher no-load input power is acceptable
VR1 may be omitted and the value of R1 increased to form a
standard RCD clamp.
Output Rectification
The secondaries of the transformer are rectified by D7, D8 and
D9. A Schottky barrier type was used for the main 5 V output
for higher efficiency. The +12 V and -22 V outputs use an
ultrafast rectifier diode. The main output is post filtered by L3
and C10 to remove switching frequency ripple. Resistors R7,
R8 and R9 provide a preload to maintain the output voltages
within their respective limits when unloaded. To reduce high
frequency ringing and associated radiated EMI an RC snubber
formed by R10 and C13 was added across D7.
Figure 4.
7 W (10 W peak) Multiple Output Flyback Converter for DVD Applications with Primary Sensed Feedback.
PI-5205-102208
D
S
FB
BP
R3
6.34 k
1%
C13
270 pF
R6
4.02 k
1%
R1
5.1 k
1/8 W
R2
390
R4
6.2 k
C4
1 F
50 V
C5
680 pF
50 V
C8
1000 F
10 V
C10
470 F
10 V
C11
47 F
50 V
C9
47 F
25 V
C6
10 F
50 V
R5
47 k
1/8 W
U1
LNK626PG
LinkSwitch-CV
D8
UF4003
D7 SB540
D6
1N4148
D9
UF4003
R9
39 k
1/8 W
R8
24 k
1/8 W
R7
510
1/8 W
T1
EEL19
16
7
11
8,9,10
12
5
4
2
3
C1
22 F
400 V
C2
22 F
400 V
C3
820 pF
1 kV
F1
3.15 A
RT1
10
85 - 265
VAC
L
N
D1
FR106
D2
FR106
VR1
1N5272B
D5
1N4007
D3
1N4007
D4
1N4007
L1
3.5 × 7.6 mm
Ferrite Bead
L2
680 uH
L3
10 H
12 V, 0.1 A
5 V, 1.7 A
RTN
-22 V, 15 mA
RV1
275 V
R10
47


Similar Part No. - LNK626DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK626DG POWERINT-LNK626DG Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK626DG-TL POWERINT-LNK626DG-TL Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
More results

Similar Description - LNK626DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com