Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK626PG Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # LNK626PG
Description  Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK626PG Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button LNK626PG Datasheet HTML 4Page - Power Integrations, Inc. LNK626PG Datasheet HTML 5Page - Power Integrations, Inc. LNK626PG Datasheet HTML 6Page - Power Integrations, Inc. LNK626PG Datasheet HTML 7Page - Power Integrations, Inc. LNK626PG Datasheet HTML 8Page - Power Integrations, Inc. LNK626PG Datasheet HTML 9Page - Power Integrations, Inc. LNK626PG Datasheet HTML 10Page - Power Integrations, Inc. LNK626PG Datasheet HTML 11Page - Power Integrations, Inc. LNK626PG Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev. E 09/09
8
LNK623-626
www.powerint.com
Drain Clamp
Recommended Clamp Circuits
Components R1, R2, C3, VR1 and D5 in figure 4 comprise the
clamp. This circuit is preferred when the primary leakage
inductance is greater than 125 μH to reduce drain voltage
overshoot or ringing present on the feedback winding. For best
output regulation, the feedback voltage must settle to within 1%
at 2.1 μs from the turn off of the primary MOSFET. This requires
careful selection of the clamp circuit components. The voltage of
VR1 is selected to be ~20% above the reflected output voltage
(V
OR).
This is to clip any turn off spike on the drain but avoid
conduction during the flyback voltage interval when the output
diode is conducting. The value of R1 should be the largest value
that results in acceptable settling of the feedback pin voltage and
peak drain voltage. Making R1 too large will increase the
discharge time of C3 and degrade regulation. Resistor R2
dampens the leakage inductance ring. The value must be large
enough to dampen the ring in the required time but must not be
too large to cause the drain voltage to exceed 680 V.
If the primary leakage inductance is less than 125 μH, VR1 can
be eliminated and the value of R1 increased. A value of 470 kΩ
with an 820 pF capacitor is a recommended starting point.
Verify that the peak drain voltage is less than 680 V under all
line and load conditions. Verify the feedback winding settles to
an acceptable limit for good line and load regulation.
Effect of Fast (500 ns) versus Slow (2 μs) Recovery
Diodes in Clamp Circuit on Pulse Grouping and Output
Ripple.
A slow reverse recovery diode reduces the feedback voltage
ringing. The amplitude of ringing with a fast diode represents
8% error in Figure 10.
Figure 9.
RCD Clamp, Low Power or Low Leakage Inductance Designs.
RCD Clamp With Zener Bleed. High Power or High Leakage Inductance Designs.
Figure 10. Effect of Clamp Diode on Feedback Pin Settling. Clamp Circuit (top).
Feedback Pin Voltage (bottom).
C
C1
R
C1
R
C2
D
C1
PI-5107-110308
D
C2
R
C2
R
C1
C
C1
D
C1
PI-5108-110308
C
C1
R
C1
R
C2
D
C1
PI-5107-110308
Black Trace: D
C1 is a FR107 (fast type, trr = 500 ns)
Gray Trace: D
C1 is a 1N4007G (standard recovery, trr = 2 us)


Similar Part No. - LNK626PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK626PG POWERINT-LNK626PG Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK626PG-TL POWERINT-LNK626PG-TL Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
More results

Similar Description - LNK626PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com