Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6121 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH6121
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6121 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH6121 Datasheet HTML 1Page - Sanyo Semicon Device CPH6121 Datasheet HTML 2Page - Sanyo Semicon Device CPH6121 Datasheet HTML 3Page - Sanyo Semicon Device CPH6121 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPH6121
No.7260-1/4
PNP Epitaxial Planar Silicon Transistor
Applications
Relay drivers, lamp drivers, motor drivers, strobes.
Features
Adoption of MBIT process.
High current capacitance.
Low collector-to-emitter saturation voltage.
High speed switching.
Ultrasmall-sized package permitting applied sets to
be made small and slim (0.9mm).
High allowable power dissipation.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--15
V
Collector-to-Emitter Voltage
VCEO
--12
V
Emitter-to-Base Voltage
VEBO
--5
V
Collector Current
IC
--3
A
Collector Current(Pulse)
ICP
--5
A
Base Current
IB
--600
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2!0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--12V, IE=0
--0.1
µA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0
--0.1
µA
DC Current Gain
hFE
VCE=--2V, IC=--500mA
200
560
Gain-Bandwidth Product
fT
VCE=--2V, IC=--500mA
380
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
40
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1.5A, IB=--30mA
--110
--165
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--1.5A, IB=--30mA
--0.85
--1.2
V
Marking : AV
Continued on next page.
Ordering number : ENN7260
CPH6121
42503 TS IM TA-100027
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
DC / DC Converter Applications
Package Dimensions
unit : mm
2146A
[CPH6121]
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
SANYO : CPH6
0.05
0.95
1
23
6
5
4
2.9
0.15
0.4


Similar Part No. - CPH6121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH6121-TL-E ONSEMI-CPH6121-TL-E Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
More results

Similar Description - CPH6121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com