Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3455 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH3455
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3455 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH3455 Datasheet HTML 1Page - Sanyo Semicon Device CPH3455 Datasheet HTML 2Page - Sanyo Semicon Device CPH3455 Datasheet HTML 3Page - Sanyo Semicon Device CPH3455 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPH3455
No.8737-1/4
Features
ON-resistance RDS(on)1=80mΩ(typ.)
4V drive
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
35
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
3A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
12
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm)
1W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7015A-004
Ordering number : EN8737
51811PE TKIM TC-00002566
SANYO Semiconductors
DATA SHEET
CPH3455
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
1 : Gate
2 : Source
3 : Drain
SANYO : CPH3
2.9
0.05
0.4
0.15
2
1
3
0.95
Product & Package Information
• Package
: CPH3
• JEITA, JEDEC
: SC-59, TO-236, SOT-23
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1
2
3
TL


Similar Part No. - CPH3455

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3455 ONSEMI-CPH3455 Datasheet
538Kb / 5P
   Single N-Channel Power MOSFET
June 2015 - Rev. 3
logo
Sanyo Semicon Device
CPH3455-TL-H SANYO-CPH3455-TL-H Datasheet
599Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
CPH3455-TL-H ONSEMI-CPH3455-TL-H Datasheet
538Kb / 5P
   Single N-Channel Power MOSFET
June 2015 - Rev. 3
CPH3455-TL-W ONSEMI-CPH3455-TL-W Datasheet
538Kb / 5P
   Single N-Channel Power MOSFET
June 2015 - Rev. 3
logo
Sanyo Semicon Device
CPH3455 SANYO-CPH3455_12 Datasheet
599Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH3455

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com