Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3205 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH3205
Description  High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3205 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH3205 Datasheet HTML 1Page - Sanyo Semicon Device CPH3205 Datasheet HTML 2Page - Sanyo Semicon Device CPH3205 Datasheet HTML 3Page - Sanyo Semicon Device CPH3205 Datasheet HTML 4Page - Sanyo Semicon Device CPH3205 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CPH3105 / CPH3205
No.6084-2/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gain-Bandwideth Product
fT
VCE=(--)10V, IC=(--)500mA
(360)
MHz
380
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(24)13
pF
VCE(sat)1
IC=(--)1A, IB=(--)50mA
(--100)
(--200)
mV
Collector-to-Emitter Saturation Voltage
80
120
mV
VCE(sat)2
IC=(--)2A, IB=(--)100mA
(--185)
(--500)
mV
140
210
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)2A, IB=(--)100mA
(--)0.88
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0A
(--50)
V
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=(--)100µA, RBE=0Ω
(--)50
V
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0A
(--)6
V
Turn-ON Time
ton
See specified test circuit.
(30)35
ns
Storage Time
tstg
See specified test circuit.
(230)
ns
300
ns
Fall Time
tf
See specified test circuit.
(15)22
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
7015-003
--0.4
--0.8
--1.2
--1.6
--2.0
0
IC -- VCE
0
--0.2
--0.4
--0.6
--0.8
--1.0
0.4
0.8
1.2
1.6
2.0
Collector-to-Emitter Voltage, VCE -- V
5.0
2.5
0
IC -- VCE
0
Collector-to-Emitter Voltage, VCE -- V
4.5
4.0
3.5
3.0
2.0
1.5
1.0
0.5
IT08051
IT08052
CPH3105
IB=0mA
IB=0mA
--40mA --30mA
--20mA
--10mA
--8mA
--6mA
--4mA
--2mA
CPH3205
100mA
80mA
60mA
40mA
20mA
10mA
5mA
2.9
1.9
0.05
12
3
0.4
0.15
1 : Base
2 : Emitter
3 : Collector
SANYO : CPH3
+
+
50
INPUT
OUTPUT
VR
RB
RL
VCC=25V
100
µF
470
µF
VBE= --5V
PW=20
µs
IB1
IB2
DC
≤1%
(For PNP, the polarity is reversed.)
10IB1= --10IB2=IC=1A


Similar Part No. - CPH3205

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3205 SANYO-CPH3205 Datasheet
51Kb / 5P
   High-Current Switching Applications
CPH3205 SANYO-CPH3205 Datasheet
44Kb / 5P
   High-Current Switching Applications
CPH3205-TL-E SANYO-CPH3205-TL-E Datasheet
44Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
CPH3205-TL-E ONSEMI-CPH3205-TL-E Datasheet
670Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - CPH3205

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com