Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3105 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH3105
Description  High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3105 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH3105 Datasheet HTML 1Page - Sanyo Semicon Device CPH3105 Datasheet HTML 2Page - Sanyo Semicon Device CPH3105 Datasheet HTML 3Page - Sanyo Semicon Device CPH3105 Datasheet HTML 4Page - Sanyo Semicon Device CPH3105 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CPH3105 / CPH3205
No.6084-1/5
Applications
DC-DC converters relay drivers, lamp drivers, motor drivers, flash.
Features
Adoption of FBET, MBIT processes.
High current capacitance.
Low collector-to-emitter saturation voltage.
High-speed switching.
Ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm).
High allowable power dissipation.
( ) : CPH3105
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--50)100
V
Collector-to-Emitter Voltage
VCES
(--50)100
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)3
A
Collector Current (Pulse)
ICP
(--)6
A
Base Current
IB
(--)600
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2!0.8mm)
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
µA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)100mA
200
560
Marking : CPH3105 : AE, CPH3205 : CE
Continued on next page.
Ordering number : ENN6084D
62005EA MS IM TB-00001407 / 63004 TS IM TB-00000304 / 41000 TS (KOTO) TA-2926
CPH3105 / CPH3205
PNP / NPN Epitaxial Planar Silicon Transistors
High-Current Switching
Applications
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
http://semicon.sanyo.com/en/network


Similar Part No. - CPH3105

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105 Datasheet
51Kb / 5P
   High-Current Switching Applications
CPH3105 SANYO-CPH3105 Datasheet
44Kb / 5P
   High-Current Switching Applications
CPH3105-D SANYO-CPH3105-D Datasheet
44Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
CPH3105-TL-E ONSEMI-CPH3105-TL-E Datasheet
670Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - CPH3105

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com