Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1145M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # 1145M
Description  FM IF System (Quadrature Detector) for Car Radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1145M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button 1145M Datasheet HTML 6Page - Sanyo Semicon Device 1145M Datasheet HTML 7Page - Sanyo Semicon Device 1145M Datasheet HTML 8Page - Sanyo Semicon Device 1145M Datasheet HTML 9Page - Sanyo Semicon Device 1145M Datasheet HTML 10Page - Sanyo Semicon Device 1145M Datasheet HTML 11Page - Sanyo Semicon Device 1145M Datasheet HTML 12Page - Sanyo Semicon Device 1145M Datasheet HTML 13Page - Sanyo Semicon Device 1145M Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
1)
Current path during detuning
2)
Current return path from detuning
As can be seen from the above circuit diagrams, the time constant during detuning is determined by the internal PNP
resistance, the NPN collector resistance and the capacitance of the externally- mounted capacitor. This time constant is
determined by the external resistance RAFC and capacitor C. This time constant, τ =RAFC × C, must be set depending on the
required search time.
3.
Narrow-band SD output circuit
An IF count circuit is provided for equipment compatibility for the European marketplace. However, if the band is made
narrow using only the SD circuit, there is a tendency for the number of erroneous stops caused by an undesired signal to
increase. To prevent this, two threshold voltages should be used to control the SD circuit.
The input/output current from pin 8 becomes zero during return.
SD output
SD sensitivity setting
Mute driver pin for the 2nd threshold voltage.
Band Mute Characteristics (1)
Without C17
Frequency,
Δf – kHz
Band Mute Characteristics (2)
With C17 = 10000 pF
Frequency,
Δf – kHz
LA1145, 1145M
No. 2725-10/17


Similar Part No. - 1145M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1145 ETC2-1145 Datasheet
90Kb / 1P
   KNOB
logo
Baumer IVO GmbH & Co. K...
114501 IVO-114501 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
logo
Festo Corporation.
1145086 FESTO-1145086 Datasheet
100Kb / 1P
   Rotary actuator
1145087 FESTO-1145087 Datasheet
97Kb / 1P
   Rotary actuator
1145088 FESTO-1145088 Datasheet
92Kb / 1P
   Rotary actuator
More results

Similar Description - 1145M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
NTE Electronics
NTE1541 NTE-NTE1541 Datasheet
70Kb / 2P
   Integrated Circuit FM IF Amp & Detector for Car Radio
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com