Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPA424 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # DPA424
Description  Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA424 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button DPA424 Datasheet HTML 5Page - Power Integrations, Inc. DPA424 Datasheet HTML 6Page - Power Integrations, Inc. DPA424 Datasheet HTML 7Page - Power Integrations, Inc. DPA424 Datasheet HTML 8Page - Power Integrations, Inc. DPA424 Datasheet HTML 9Page - Power Integrations, Inc. DPA424 Datasheet HTML 10Page - Power Integrations, Inc. DPA424 Datasheet HTML 11Page - Power Integrations, Inc. DPA424 Datasheet HTML 12Page - Power Integrations, Inc. DPA424 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Rev. S 12/07
9
DPA422-426
www.powerint.com
LINE-SENSE (L) Pin Operation
When current is fed into the LINE-SENSE pin, it works as a
voltage source of approximately 2.6 V up to a maximum current
of +240
μA (typical). At +240 μA, this pin turns into a constant
current sink. Refer to Figure 8. In addition, a comparator with a
threshold of 1 V is connected at the pin and is used to detect
when the pin is shorted to the SOURCE pin.
There are a total of five functions available through the use of
the LINE-SENSE pin: OV, UV, line feed-forward with DC
MAX
reduction, remote ON/OFF and synchronization. Shorting the
LINE-SENSE pin to the SOURCE pin disables all five functions.
The LINE-SENSE pin is typically used for line sensing by
connecting a resistor from this pin to the positive input DC
voltage bus to implement OV, UV and line feed-forward with
DC
MAX reduction over line voltage. In this mode, the value of the
resistor determines the line OV/UV thresholds, and the DC
MAX is
reduced linearly with input DC high voltage starting from just
above the UV threshold. This pin can also be used as the input
pin for remote ON/OFF and synchronization. An external
transistor placed between the LINE-SENSE pin and the
CONTROL pin realizes remote ON/OFF via UV or OV threshold.
Synchronization is available by connecting an open drain
external MOSFET between the LINE-SENSE pin and the
SOURCE pin to generate synchronization pulse. Each time the
MOSFET turns on, the falling edge of the LINE-SENSE pin
voltage initiates a new switching cycle. The lowest
synchronization frequency guaranteed by DPA-Switch is
128 kHz. Refer to Table 2 for possible combinations of the
functions with example circuits shown in Figure 11 through
Figure 24. A description of specific functions in terms of the
LINE-SENSE pin I/V characteristic is shown in Figure 7 (right
hand side). The horizontal axis represents LINE-SENSE pin
current with positive polarity indicating currents flowing into the
pin. The meaning of the vertical axes varies with functions. For
those that control the on/off states of the output such as UV,
OV and remote ON/OFF, the vertical axis represents the enable/
disable states of the output. UV triggers at I
UV
(+50
μA typical with 4 μA hysteresis) and OV triggers at I
OV (+135
μA typical with 4 μA hysteresis). Between the UV and OV
thresholds, the output is enabled. For line feed-forward with
DC
MAX reduction, the vertical axis represents the magnitude of
the DC
MAX Line feed-forward with DCMAX reduction lowers
maximum duty cycle from 75% at I
L(DC) (+55 μA typical) to 33%
at I
OV (+135 μA).
EXTERNAL CURRENT LIMIT (X) Pin Operation
When current is drawn out of the EXTERNAL CURRENT LIMIT pin,
it works as a voltage source of approximately
1.3 V up to a maximum current of -230
μA (typical). At
-230
μA, it turns into a constant current source (refer to Figure 8).
There are two functions available through the use of the
EXTERNAL CURRENT LIMIT pin: external current limit and
remote ON/OFF. Shorting the EXTERNAL CURRENT LIMIT pin
and SOURCE pin disables both functions. In high efficiency
applications, this pin can be used to reduce the current limit
externally to a value close to the operating peak current, by
connecting the pin to the SOURCE pin through a resistor. The
pin can also be used as a remote ON/OFF control input.
Table 2 shows several different ways of using this pin. See
Figure 7 for a description of the functions where the horizontal
axis (left hand side) represents the EXTERNAL CURRENT LIMIT
pin current. The meaning of the vertical axes varies with
function. For those that control the on/off states of the output
such as remote ON/OFF, the vertical axis represents the enable/
disable states of the output. For external current limit, the
vertical axis represents the magnitude of the I
LIMIT. Please see
graphs in the Typical Performance Characteristics section for
the current limit programming range and the selection of the
appropriate resistor value.


Similar Part No. - DPA424

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
More results

Similar Description - DPA424

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424GN-TL POWERINT-DPA424GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423 POWERINT-DPA423_V01 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA424SN POWERINT-DPA424SN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424G POWERINT-DPA424G Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425R POWERINT-DPA425R Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
logo
Phihong USA Inc.
POE14-137 PHIHONG-POE14-137 Datasheet
134Kb / 2P
   DC-DC Power over Ethernet Splitter
POE21-120H PHIHONG-POE21-120H Datasheet
105Kb / 2P
   DC-DC Power over Ethernet Splitter
POE21-120F PHIHONG-POE21-120F Datasheet
119Kb / 2P
   DC-DC Power over Ethernet Splitter
POE14-033 PHIHONG-POE14-033 Datasheet
523Kb / 3P
   14W DC-DC Power Over Ethernet Splitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com